Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 4Page - Analog Devices AD1953_15 Datasheet HTML 5Page - Analog Devices AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices AD1953_15 Datasheet HTML 10Page - Analog Devices AD1953_15 Datasheet HTML 11Page - Analog Devices AD1953_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD1953–Typical Performance Characteristics
–8–
REV. 0
PERFORMANCE PLOTS
The following plots demonstrate the performance achieved on the
actual silicon. TPC 1 shows an FFT of a full-scale 1 kHz signal
with a THD+N of –100 dB, which is dominated by a second
harmonic. TPC 2 shows an FFT of a –60 dB sine wave, demon-
strating the lack of low level artifacts. TPC 3 shows a frequency
response plot with the seven equalization biquads set to an alter-
nating pattern of 6 dB boosts and cuts. TPC 4 shows a linearity
plot, where the measurement was taken with the same equaliza-
tion curve used to make TPC 3. When the biquad filters are not
in use, the signal passes through the filters with no quantization
effects. TPC 4 therefore demonstrates that using double-precision
math in the biquad filters has virtually eliminated any quantization
artifacts. TPC 5 shows a tone-burst applied to the compressor,
with the attack and recovery characteristics plainly visible. The
rms detector was programmed for normal rms time constants;
the hold/decay feature was not used for this plot.
0
–160
020
2468
14
16
18
–20
–80
–120
–40
–60
–100
–140
10
12
kHz
TPC 1. FFT of Full-Scale Sine Wave (32k Points)
0
–160
020
2468
14
16
18
–20
–80
–120
–40
–60
–100
–140
10
12
kHz
TPC 2. FFT of –60 dB Sine Wave (32k Points)
Hz
0
–20
20
10k
–10
1k
100
–2
–4
–6
–8
–12
–14
–16
–18
50
200
500
5k
TPC 3. Frequency Response of EQ Biquad Filters
3.0
–3.0
–120
0
–100
–80
–20
0.5
–1.0
–2.0
0
–0.5
–1.5
–2.5
–60
–40
dBFS
2.5
1.5
2.0
1.0
TPC 4. Linearity Plot
–2.0
–120
0
–100
–80
–20
–60
ms
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TPC 5. Tone-Burst Response with Compressor
Threshold Set to –20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com