Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices AD1953_15 Datasheet HTML 10Page - Analog Devices AD1953_15 Datasheet HTML 11Page - Analog Devices AD1953_15 Datasheet HTML 12Page - Analog Devices AD1953_15 Datasheet HTML 13Page - Analog Devices AD1953_15 Datasheet HTML 14Page - Analog Devices AD1953_15 Datasheet HTML 15Page - Analog Devices AD1953_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
REV. 0
AD1953
–12–
quality of compressed audio. In addition, the main channels
have a stereo widening algorithm that increases the perceived
spread of the stereo image.
Most of the signal processing functions are coded using full 48-bit
double-precision arithmetic. The input word length is 24 bits,
with two extra headroom bits added in the processor to allow
internal gains up to 12 dB without clipping (additional gains can
be accommodated by scaling down the input signal in the first
biquad filter section).
A graphical user interface (GUI) is available for evaluation of
the AD1953 (Figure 3). This GUI controls all of the functions
of the chip in a very straightforward and user-friendly interface.
No code needs to be written to use the GUI to control the chip.
For more information on AD1953 software tools, send an email to
SigmaDSP@analog.com.
SIGNAL PROCESSING
Signal Processing Overview
Figure 2 shows the signal processing flow diagram of the AD1953.
The AD1953 is designed to provide all common signal-processing
functions commonly used in 2.0 or 2.1 playback systems. A
7-biquad equalizer operates on the stereo input signal. The
output of this equalizer is fed to a 2-biquad crossover filter for
the main channels, and the mono sum of the left and right equalizer
outputs is fed to a 3-biquad crossover filter for the Sub channel.
Each of the three channels has independent delay compensa-
tion. There are two high quality compressor/limiters available:
one operating on the left/right outputs and one operating on the
subwoofer channel. The subwoofer output may be blended back
into the left/right outputs for 2.0 playback systems. In this
configuration, the two independent compressor/limiters provide
2-band compression, which significantly improves the sound
HPF/
DE-EMPHASIS
IN
RIGHT
IN
LEFT
DELAY
(0ms–3.7ms)
DELAY
(0ms–3.7ms)
DELAY
(0ms–2.3ms)
8
INTERPOLATION
DAC
OUT
LEFT
8
INTERPOLATION
DAC
OUT
RIGHT
1 BIQUAD
FILTER
DELAY
(0ms–3.7ms)
MONO DAC
L/R REINJECTION
LEVEL
SUBWOOFER
OUTPUT
SUB DYNAMICS PROCESSOR
SUB CHANNEL
L/R MIX
EQ AND CROSSOVER FILTERS
L/R DYNAMICS PROCESSOR
LEVEL DETECT,
LOOK-UP TABLE
LEVEL DETECT,
LOOK-UP TABLE
7 BIQUAD
FILTERS
7 BIQUAD
FILTERS
CROSSOVER
(2 FILTERS)
CROSSOVER
(2 FILTERS)
CROSSOVER
(3 FILTERS)
DELAY
(0ms–2.3ms)
HPF/
DE-EMPHASIS
Figure 2. Signal Processing Flow
Figure 3. Graphical User Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com