Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 27 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices AD1953_15 Datasheet HTML 25Page - Analog Devices AD1953_15 Datasheet HTML 26Page - Analog Devices AD1953_15 Datasheet HTML 27Page - Analog Devices AD1953_15 Datasheet HTML 28Page - Analog Devices AD1953_15 Datasheet HTML 29Page - Analog Devices AD1953_15 Datasheet HTML 30Page - Analog Devices AD1953_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
REV. 0
AD1953
–27–
Table XVI. Data Capture Register Write Format
Byte 0
Byte 1
Byte 2
Byte 3
00000, R/Wb, Adr[9:8]
Adr[7:0]
00000, ProgCount[8:6]
1
ProgCount[5:0], RegSel[1:0]
1, 2
NOTES
1. ProgCount[8:0] = value of program counter where trap occurs (see Table XXI).
2. RegSel[1:0] selects one of four registers (see Data Capture Register section).
Table XVII. Data_Capture_Serial Out Register (Address and Register Select) Write Format
Byte 0
Byte 1
Byte 2
Byte 3
00000, R/Wb, Adr[9:8]
Adr[7:0]
00000, ProgCount[8:6]
1
ProgCount[5:0], RegSel[1:0]
1, 2
NOTES
1. ProgCount[8:0] = value of program counter where trap occurs (see Table XXI).
2. RegSel[1:0] selects one of four registers (see Data Capture Registers section).
Table XVIII. Data Capture Read Format
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
00000, R/Wb, Adr[9:8]
Adr[7:0]
00000000
Data[23:16]
Data[15:8]
Data[7:0]
Table XIX. Safeload Register Write Format
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
00000, R/Wb, Adr[9:8]
Adr[7:0]
ParamAdr[7:0]
00, Param[21:16]
Param[15:8]
Param[7:0]
INITIALIZATION
Power-Up Sequence
The AD1953 has a built-in power-up sequence that initializes
the contents of all internal RAMs. During this time, the contents
of the internal program boot ROM are copied to the internal
program RAM, and likewise the SPI parameter RAM is filled
with values from its associated boot ROM. The data memories
are also cleared during this time.
The boot sequence lasts for 1024 MCLK cycles and starts on
the rising edge of the RESETB pin. Since the boot sequence
requires a stable master clock, the user should avoid writing to
or reading from the SPI registers during this period of time.
Note that the default power-on state of the internal clock mode
circuitry is 512
× f
S, or about 24 MHz for normal audio sample
rates. This mode bypasses all the internal clock doublers and
allows the external master clock to directly operate the DSP
core. If the external master clock is 256
× f
S, the boot sequence will
operate at this reduced clock rate and take slightly longer to
complete. After the boot sequence has finished, the clock modes
may be set via the SPI port. For example, if the external master
clock frequency is 256
× fS clock, the boot sequence would
take 1024 256
× f
S clock cycles to complete, after which an
SPI write could occur to put the AD1953 in 256
× f
S mode.
The default state of the MCLK input selector is MCLK0. Since
this input selector is controlled using the SPI port, and the SPI
port cannot be written to until the boot sequence is complete,
there must be a stable master clock signal present on the MCLK0
pin at startup.
Setting the Clock Mode
The AD1953 contains a clock doubler circuit that is used to
generate an internal 512
× f
S clock when the external clock is
256
× f
S. The clock mode is set by writing to Bit <2> of Control
Register 2.
When the clock mode is changed, it is possible that a glitch will
occur on the internal MCLK signal. This may cause the proces-
sor to inadvertently write an incorrect value into the data RAM,
which could cause an audio pop or click sound. To prevent this,
it is recommended that the following procedure be followed:
1. Assert the soft power-down bit (Bit <6> in Control Register 1)
to stop the internal MCLK.
2. Write the desired clock mode into Bit <2> of Control Register 2.
3. Wait at least 1 ms while the clock doublers settle.
4. Deassert the soft power-down bit.
An alternative procedure is to initiate a soft shutdown of the
processor core by writing a 1 to the halt program bit in Control
Register 1. This initiates a volume ramp-down sequence followed
by a shutdown of the DSP core. Once the core is shut down
(which can be verified by reading Bit <1> from Control Register 1,
or by waiting at least 20 ms), the new clock mode can be
programmed by writing to Bit <2> of Control Register 2. The
DSP core can then be restarted by clearing the halt program bit
in Control Register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com