Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 16Page - Analog Devices AD1953_15 Datasheet HTML 17Page - Analog Devices AD1953_15 Datasheet HTML 18Page - Analog Devices AD1953_15 Datasheet HTML 19Page - Analog Devices AD1953_15 Datasheet HTML 20Page - Analog Devices AD1953_15 Datasheet HTML 21Page - Analog Devices AD1953_15 Datasheet HTML 22Page - Analog Devices AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
REV. 0
AD1953
–20–
Table II. SPI Port Address Decoding
SPI Address
Register Name
Read/Write Word Length
0–255
Parameter RAM
Write: 22 Bits
Read: 22 Bits
256
SPI Control Register 1
Write: 14 Bits
Read: 2 Bits
257
SPI Control Register 2
Write: 10 Bits
Read: N/A
258
Volume 0
Write: 22 Bits
Read: N/A
259
Volume 1
Write: 22 Bits
Read: N/A
260
Volume 2
Write: 22 Bits
Read: N/A
261
Volume 3
Write: 22 Bits
Read: N/A
262
Volume 4
Write: 22 Bits
Read: N/A
263
Volume 5
Write: 22 Bits
Read: N/A
264
Volume 6
Write: 22 Bits
Read: N/A
265
Volume 7
Write: 22 Bits
Read: N/A
266
Data Capture (SPI Out) #1
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: 24 Bits
267
Data Capture (SPI Out) #2
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: 24 Bits
268
Data Capture (Serial Out) Slot 0
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
269
Data Capture (Serial Out) Slot 1
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
270
Data Capture (Serial Out) Slot 2
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
271
Data Capture (Serial Out) Slot 3
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
272
Data Capture (Serial Out) Slot 4
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
273
Data Capture (Serial Out) Slot 5
Write: 9-Bit Program Counter Value, 2-Bit Register Address
Read: N/A
274
Parameter RAM Safeload Register 0
Write: 8-Bit Parameter RAM Address, 22-Bit Parameter Data
Read: N/A
275
Parameter RAM Safeload Register 1
Write: 8-Bit Parameter RAM Address, 22-Bit Parameter Data
Read: N/A
276
Parameter RAM Safeload Register 2
Write: 8-Bit Parameter RAM Address, 22-Bit Parameter Data
Read: N/A
277
Parameter RAM Safeload Register 3
Write: 8-Bit Parameter RAM Address, 22-Bit Parameter Data
Read: N/A
278
Parameter RAM Safeload Register 4
Write: 8-Bit Parameter RAM Address, 22-Bit Parameter Data
Read: N/A
279–510
Unused
511
Test Register
Write: 8 Bits
Read: N/A
512–1024
Program RAM
Write: 35 Bits
Read: 35 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com