Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 3 Page - Analog Devices

  AD1953_15 Datasheet HTML 1Page - Analog Devices AD1953_15 Datasheet HTML 2Page - Analog Devices AD1953_15 Datasheet HTML 3Page - Analog Devices AD1953_15 Datasheet HTML 4Page - Analog Devices AD1953_15 Datasheet HTML 5Page - Analog Devices AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
–3–
REV. 0
TEST CONDITIONS, UNLESS OTHERWISE NOTED.
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz
Input Signal
1.000 kHz 0 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
2200 pF
Load Impedance
2.74 k
Input Voltage High
2.1 V
Input Voltage Low
0.8 V
ANALOG PERFORMANCE*
Parameter
Min
Typ
Max
Unit
RESOLUTION
24
Bits
SIGNAL-TO-NOISE RATIO (20 Hz to 20 kHz) (Left/Right Output)
No Filter (Stereo)
109
dB
With A-Weighted Filter
112
dB
DYNAMIC RANGE (20 Hz to 20 kHz, –60 dB Input) (Left/Right Output)
No Filter
109
dB
With A-Weighted Filter
108
112
dB
TOTAL HARMONIC DISTORTION PLUS NOISE (Left/Right Output)
VO = –0.5 dB
–93
–100
dB
SIGNAL-TO-NOISE RATIO (20 Hz to 20 kHz) (Subwoofer Output)
No Filter (Stereo)
104
dB
With A-Weighted Filter
107
dB
DYNAMIC RANGE (20 Hz to 20 kHz, –60 dB Input) (Subwoofer Output)
No Filter
104
dB
With A-Weighted Filter
104
107
dB
TOTAL HARMONIC DISTORTION PLUS NOISE (Subwoofer Output)
VO = –0.5 dB
–90
–96
dB
ANALOG OUTPUTS
Differential Output Range (
± Full Scale) (Left/Right Output)
2.72
V p-p
Differential Output Range (
± Full Scale) (Subwoofer Output)
2.79
V p-p
CMOUT
2.50
V
DC ACCURACY
Gain Error (Left/Right Channel)
–5
+5
%
Gain Error (Subwoofer Channel)
–8
+8
%
Interchannel Gain Mismatch
–0.250
+0.250
dB
Gain Drift
150
ppm/
°C
DC Offset
–35
+35
mV
INTERCHANNEL CROSSTALK (EIAJ Method)
–120
dB
INTERCHANNEL PHASE DEVIATION
±0.1
Degrees
MUTE ATTENUATION
–107
dB
DE-EMPHASIS GAIN ERROR
±0.1
dB
*Performance of right and left channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
SPECIFICATIONS
AD1953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com