Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 4 Page - Analog Devices

  AD1953_15 Datasheet HTML 1Page - Analog Devices AD1953_15 Datasheet HTML 2Page - Analog Devices AD1953_15 Datasheet HTML 3Page - Analog Devices AD1953_15 Datasheet HTML 4Page - Analog Devices AD1953_15 Datasheet HTML 5Page - Analog Devices AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. 0
AD1953
–4–
DIGITAL I/O
Parameter
Min
Typ
Max
Unit
Input Voltage High (VIH)
2.1
V
Input Voltage High (VIH) – RESETB
2.25
V
Input Voltage Low (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.1 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH), IOH = 2 mA
DVDD – 0.5
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.4
V
Input Capacitance
20
pF
Specifications subject to change without notice.
POWER
Parameter
Min
Typ
Max
Unit
SUPPLIES
*
Voltage: Analog, and Digital
4.5
5
5.5
V
Analog Current
42
48
mA
Analog Current, Power-Down
40
46
mA
Digital Current
66
76
mA
Digital Current, SPI Power-Down
6
10
mA
Digital Current, Reset Power-Down
54
62
mA
DISSIPATION
Operation, Both Supplies
540
mW
Operation, Analog Supplies
210
mW
Operation, Digital Supplies
330
mW
SPI Power-Down, Both Supplies
230
mW
Reset Power-Down, Both Supplies
470
mW
POWER SUPPLY REJECTION RATIO
1 kHz 300 mV p-p Signal at Analog Supply Pins
–80
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–80
dB
*ODVDD current is dependent on load capacitance and clock rate.
Specifications subject to change without notice.
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
105
°C
Storage
–55
125
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com