Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 26 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 22Page - Analog Devices AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices AD1953_15 Datasheet HTML 25Page - Analog Devices AD1953_15 Datasheet HTML 26Page - Analog Devices AD1953_15 Datasheet HTML 27Page - Analog Devices AD1953_15 Datasheet HTML 28Page - Analog Devices AD1953_15 Datasheet HTML 29Page - Analog Devices AD1953_15 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
REV. 0
AD1953
–26–
Table VIII. Parameter RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
00000, R/Wb, Adr[9:8]
Adr[7:0]
00, Param[21:16]
Param[15:8]
Param[7:0]
ADR
Byte 5 Byte 8
Byte 6 Byte 9
Byte 7 Byte 10
ADR + 1 ADR + 2
Table IX. Parameter RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
00000, R/Wb, Adr[9:8]
Adr[7:0]
00, Param[21:16]
Param[15:8]
Param[7:0]
Table X. Program RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
00000, R/Wb, Adr[9:8] Adr[7:0]
00000, Prog[34:32]
Prog[31:24]
Prog[23:16]
Prog[15:8]
Prog[7:0]
Table XI. Program RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
00000, R/Wb, Adr[9:8]Adr[7:0] 00000, Prog[34:32] Prog[31:24] Prog[23:16] Prog[15:8] Prog[7:0]
ADR
Byte 7
Byte 12
Byte 8
Byte 13
Byte 9
Byte 14
Byte 10 Byte 15
Byte 11 Byte 16
ADR + 1 ADR + 2
Table XII. SPI Control Register 1 Write Format
Byte 0
Byte 1
Byte 2
Byte 3
00000, R/Wb, Adr[9:8]
Adr[7:0]
00, Bit[13:8]
Bit[7:0]
Table XIII. SPI Control Register 1 Read Format
Byte 0
Byte 1
Byte 2
00000, R/Wb, Adr[9:8]
Adr[7:0]
000000, Bit[1:0]
Table XIV. SPI Control Register 2 Write Format
Byte 0
Byte 1
Byte 2
Byte 3
00000, R/Wb, Adr[9:8]
Adr[7:0]
000000, Bit[9:8]
Bit[7:0]
Table XV. SPI Volume Register Write Format
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
000000, Adr[9:8]
Adr[7:0]
00, Volume[21:16]
Volume[15:8]
Volume[7:0]
SPI READ/WRITE DATA FORMATS
The read/write formats of the SPI port are designed to be byte-
oriented. This allows for easy programming of common
microcontroller chips to fit into a byte-oriented format; 0s are
appended to the data fields to extend the data-word to the next
multiple of eight bits. For example, 22-bit words written to the
SPI parameter RAM are appended with two leading zeros to
reach 24 bits (three bytes), and 35-bit words written to the
program RAM are appended with five zeros to reach 40 bits
(five bytes). These zero-extended data fields are appended to
a 2-byte field consisting of a read/write bit and a 10-bit address.
The SPI port knows how many data bytes to expect based on
the address that is received in the first two bytes.
The total number of bytes for a single-location SPI write command
can vary from four bytes (for a control register write), to seven
bytes (for a program RAM write). Block writes may be used to
fill contiguous locations in program RAM or parameter RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com