Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 17Page - Analog Devices AD1953_15 Datasheet HTML 18Page - Analog Devices AD1953_15 Datasheet HTML 19Page - Analog Devices AD1953_15 Datasheet HTML 20Page - Analog Devices AD1953_15 Datasheet HTML 21Page - Analog Devices AD1953_15 Datasheet HTML 22Page - Analog Devices AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices AD1953_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV. 0
AD1953
–21–
Control Register 1
Control Register 1 is a 14-bit register that controls data capture
modes, serial modes, de-emphasis, mute, power-down, and
SPI-to-memory transfers. Table III documents the contents of
this register. Table IV details the two bits in the register’s
read operation.
Bits <1:0> set the wordlength, which is used in right-justified
serial modes to determine where the MSB is located relative to
the start of the audio frame.
Bits <3:2> select one of four serial modes, which are discussed
in the Serial Data Input Port section.
The de-emphasis curve selection Bits <5:4> turn on the internal
de-emphasis filter for one of three possible sample rates.
Bit <6>, the soft power-down bit, stops the internal clocks to
the DSP core, but does not reset the part. The digital power
consumption is reduced to a low level when this bit is asserted.
Reset can only be asserted using the external reset pin.
Soft mute (Bit <7>) is used to initiate a volume ramp-down
sequence. If the initial volume was set to 1.0, this operation will
take 512 audio frames to complete. When this bit is deasserted,
a ramp-up sequence is initiated until the volume returns to its
original setting.
The initiate-safe-transfer Bit <9> will request a data transfer
from the SPI safeload registers to the parameter RAM. The
safeload registers contain address-data pairs, and only those
registers that have been written to since the last transfer opera-
tion will be uploaded. The user may poll for this operation being
complete by reading Bit <0> of Control Register 1. The Safeload
Mechanism section goes into more detail on this feature.
Bit <10>, the halt program bit, is used to initiate a volume
ramp-down followed by a shutdown of the DSP core. The user
may poll for this operation being complete by reading Bit <1>
of Control Register 1.
The Data Capture Serial Out mode is controlled with Bits
<13:12>. This function can be used to send data that is cap-
tured using the data-capture feature to external devices such as
an external stereo DAC or multichannel codec. The Data Cap-
ture Registers and Outputs section gives more information about
the TDM and data capture features.
Table III. Control Register 1 Write Definition
Register Bits
Function
13:12
Data Capture Serial Out Mode Control
00 = none
01 = TDM 6-channel out, uses Pins 41–43
10 = 2-channel out, uses Pin 45
11 = Unused
11
Unused
10
Halt Program (1 = Halt)
9
Initiate Safe Transfer (1 = Transfer)
8
Unused
7
Soft Mute (1 = Start Mute Sequence)
6
Soft Power-Down (1 = Power Down)
5:4
De-emphasis Curve Select
00 = none
01 = 44.1 kHz
10 = 32 kHz
11 = 48 kHz
3:2
Serial In Mode
00 = I
2S
01 = Right-Justified
10 = DSP
11 = Left-Justified
1:0
Word Length
00 = 24 Bits
01 = 20 Bits
10 = 16 Bits
11 = 16 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com