Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 2Page - Analog Devices AD1953_15 Datasheet HTML 3Page - Analog Devices AD1953_15 Datasheet HTML 4Page - Analog Devices AD1953_15 Datasheet HTML 5Page - Analog Devices AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices AD1953_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
REV. 0
AD1953
–6–
ABSOLUTE MAXIMUM RATINGS*
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
ODVDD to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Digital Inputs . . . . . . . . . . DGND – 0.3 V to DVDD + 0.3 V
Analog Inputs . . . . . . . . . . AGND – 0.3 V to AVDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Reference Voltage . . . . . . . . . . . . . . . . . . . (AVDD + 0.3)/2 V
Maximum Junction Temperature . . . . . . . . . . . . . . . . 125
∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
∞C/10 sec
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Characteristics (48-Lead LQFP)
Min
Typ
Max
Unit
JA (Thermal Resistance
76
∞C/W
[Junction-to-Ambient])
JC (Thermal Resistance
17
∞C/W
[Junction-to-Case])
PIN CONFIGURATION
48-Lead LQFP
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC
AGND
VOUTL–
VOUTL+
AVDD
AGND
AVDD
NC
MCLK2
MCLK1
MCLK0
AUXDATA
MUTE
DVDD
NC = NO CONNECT
SDATA2
BCLK2
LRCLK2
SDATA1
VOUTR+
VOUTR–
AGND
VOUTS+
AD1953
BCLK1
VOUTS–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1953 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1953YST
–40
∞C to +105∞C
48-Lead LQFP
ST-48
AD1953YSTRL
–40
∞C to +105∞C
48-Lead LQFP
ST-48 on 13" Reel
AD1953YSTRL7
–40
∞C to +105∞C
48-Lead LQFP
ST-48 on 7" Reel
EVAL-AD1953EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com