Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices AD1953_15 Datasheet HTML 10Page - Analog Devices AD1953_15 Datasheet HTML 11Page - Analog Devices AD1953_15 Datasheet HTML 12Page - Analog Devices AD1953_15 Datasheet HTML 13Page - Analog Devices AD1953_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
REV. 0
AD1953
–10–
Pin Functions
All input pins have a logic threshold compatible with TTL input
levels, and may therefore be used in systems with 3.3 V logic.
All digital output levels are controlled by the ODVDD pin,
which may range from 2.7 V to 5.5 V, for compatibility with a
wide range of external devices. (See Pin Function Descriptions.)
SDATA0, 1, 2—Serial Data Inputs.
One of these three inputs is selected by an internal MUX, set by
writing to Bits <7:6> in Control Register 2. Default is 00, which
selects SDATA0. The serial format is selected by writing to Bits
<3:0> of Control Register 0. See SPI Read/Write Data Formats
section for recommendations on how to change input sources
without causing a click or pop noise.
LRCLK0, 1, 2—Left/Right Clocks for Framing the Input Data.
The active LRCLK input is selected by writing to Bits <7:6>
in Control Register 2. Default is 00, which selects LRCLK0.
The interpretation of the LRCLK changes according to the serial
mode, set by writing to Control Register 0.
BCLK0, 1, 2—Serial Bit Clocks for Clocking in the Serial Data.
The active BCLK input is selected by writing to Bits <7:6> in
Control Register 2. Default is 00, which selects BCLK0. The
interpretation of BCLK changes according to the serial mode,
which is set by writing to Control Register 0.
DMUXO/TDMO, LRMUXO/TDMFS, BMUXO/TDMBC
Dual-function pins:
• Function 1: Outputs of 3:1 MUX that selects one of the
three serial input groups.
• Function 2: Used for 6-channel data capture outputs in
TDM Data Capture Mode.
These three pins operate as MUX outputs when Bit <8> of
Control Register 2 is a 1 and Bits <13:12> of Control Register 1
are 00. These pins may be used to send the selected serial input
signals to other external devices. The default is OFF.
In TDM mode, TDMBC provides a 256
× fS clock signal,
TDMFS provides a frame sync signal, and TDMO provides the
TDM data for an external multichannel DAC or CODEC, such
as the AD1833 or AD1836 respectively. These output pins are
enabled by writing a 01 to Bits <13:12> of Control Register 1.
The default mode is 00, or OFF.
In TDM mode, the internal signals that are captured are con-
trolled by writing Program Counter Trap numbers to SPI
addresses 268 to 273. When the internal Program Counter
contents are equal to the Trap values written to the SPI port, the
selected DSP register is transferred to parallel-to-serial registers
and shifted out of the TDMO pin.
MCLK0, 1, 2—Master Clock Inputs.
Active input selected by writing to Bits <5:4> of Control Regis-
ter 2. The default is 00, which selects MCLK0. The master clock
frequency must be either 256
× f
S or 512
× f
S, where fS is the input
sampling rate. The master clock frequency is programmed by
writing to Bit <2> of Control Register 2. The default is 0, (512
× f
S). See Initialization section for recommendations concerning
how to change clock sources without causing an audio click or
pop. Note that since the default MCLK source pin is MCLK0,
there must be a clock signal present on this pin on power-up so
that the AD1953 can complete its initialization routine.
MCLKO—Master Clock Output.
The master clock output pin may be programmed to produce
either 256
× f
S, 512
× f
S, or a copy of the selected MCLK input
pin. This pin is programmed by writing to Bits <1:0> of Control
Register 2. The default is 00, which disables the MCLKO pin.
CDATA—Serial Data In for the SPI Control Port.
See SPI Port section for more information on SPI port timing.
COUT—Serial Data Output.
This is used for reading back registers and memory locations. It
is three-stated when an SPI read is not active. See SPI Port
section for more information on SPI port timing.
CCLK—SPI Bit Rate Clock.
This pin either may run continuously or be gated off between
SPI transactions. See SPI Port section for more information on
SPI port timing.
CLATCH—SPI Latch Signal.
This pin must go LOW at the beginning of an SPI transaction,
and HIGH at the end of a transaction. Each SPI transaction
may take a different number of CCLKs to complete, depending
on the address and read/write bit that are sent at the beginning
of the SPI transaction. Detailed SPI timing information is given
in the SPI Port section.
RESETB—Active-Low Reset Signal.
After RESETB goes HIGH, the AD1953 goes through an ini-
tialization sequence where the program and parameter RAMs
are initialized with the contents of the on-board boot ROMs. All
SPI registers are set to 0, and the data RAMs are also zeroed.
The initialization is complete after 1024 MCLK cycles. Since
the MCLK IN FREQ SELECT (Bit <2> in Control Register 2)
defaults to 512
× f
S at power-up, this initialization will proceed
at the external MCLK rate and will take 1024 MCLK cycles to
complete, regardless of the absolute frequency of the external
MCLK. New values should not be written to the SPI port until
the initialization is complete.
ZEROFLAG—Zero-Input Indicator.
This pin will go HIGH if both serial inputs have been inactive
(zero data) for 1024 LRCLK cycles. This pin may be used to
drive an external mute FET for reduced noise during digital
silence. This pin also functions as a test out pin, controlled by
the test register at SPI address 511. While most test modes are
not useful to the end user, one may be of some use. If the test
register is programmed with the number 7 (decimal), the
ZEROFLAG output will be switched to the output of the inter-
nal pseudo-random noise generator. This noise generator
operates at a bit rate of 128
× f
S, and has a repeat time of once
per 2
24 cycles. This mode may be used to generate white noise
(or, with appropriate filtering, pink noise) to be used as a test
signal for measuring speakers or room acoustics.
DCSOUT—Data Capture Serial Out.
This pin will output the DSP’s internal signals, which can be
used by external DACs or other signal-processing devices. The
signals that are captured and output on the DCSOUT pin are
controlled by writing Program Counter Trap numbers to SPI
addresses 263 (for the left output) and 264 (for the right output).
When the internal Program Counter contents are equal to the
Trap values written to the SPI port, the selected DSP register is
transferred to the DCSOUT parallel-to-serial registers and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com