Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 9Page - Analog Devices AD1953_15 Datasheet HTML 10Page - Analog Devices AD1953_15 Datasheet HTML 11Page - Analog Devices AD1953_15 Datasheet HTML 12Page - Analog Devices AD1953_15 Datasheet HTML 13Page - Analog Devices AD1953_15 Datasheet HTML 14Page - Analog Devices AD1953_15 Datasheet HTML 15Page - Analog Devices AD1953_15 Datasheet HTML 16Page - Analog Devices AD1953_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. 0
AD1953
–13–
Each section of this flow diagram will be explained in detail on
the following pages.
Numeric Formats
It is common in DSP systems to use a standardized method of
specifying numeric formats. To better comprehend issues relat-
ing to precision and overflow, it is helpful to think in terms of
fractional twos complement number systems. Fractional
number systems are specified by an A.B format, where A is the
number of bits to the left of the decimal point and B is the
number of bits to the right of the decimal point. In a twos
complement system, there is also an implied offset of one-half of
the binary range; for example, in a twos complement 1.23 sys-
tem, the legal signal range is –1.0 to (+1.0 – 1 LSB).
The AD1953 uses two different numeric formats; one for the
coefficient values (stored in the parameter RAM) and one for
the signal data values. The coefficient format is as follows:
Coefficient Format
Coefficient format: 2.20
Range: –2.0 to (+2.0 – 1 LSB)
Examples:
1000000000000000000000 = –2.0
1100000000000000000000 = –1.0
1111111111111111111111 = (1 LSB below 0.0)
0000000000000000000000 = 0.0
0100000000000000000000 = 1.0
0111111111111111111111 = (2.0 – 1 LSB)
This format is used because standard biquad filters require
coefficients that range between +2.0 and –2.0. It also allows
gain to be inserted at various places in the signal path.
Internal DSP Signal Data Format
Input data format: 1.23
This is sign-extended when written to the data memory of the
AD1953.
Internal DSP signal data format: 3.23
Range: –4.0 to (+4.0 – 1 LSB)
Examples:
10000000000000000000000000 = –4.0
11000000000000000000000000 = –2.0
11100000000000000000000000 = –1.0
11111111111111111111111111 = (1 LSB below 0.0)
00000000000000000000000000 = 0.0
00100000000000000000000000 = 1.0
01000000000000000000000000 = 2.0
01111111111111111111111111 = (4.0 – 1 LSB).
The sign-extension between the serial port and the DSP core
allows for up to 12 dB of gain in the signal path without internal
clipping. Gains greater than 12 dB can be accommodated by
scaling the input down in the first biquad filter, and scaling the
signal back up at the end of the biquad filter section.
A digital clipper circuit is used between the output of the DSP
core and the input to the DAC
Σ-∆ modulators to prevent over-
loading the DAC circuitry (see Figure 4). Note that there is a
gain factor of 0.75 used in the DAC interpolation filters, and
therefore signal values of up to 1/0.75 will pass through the DSP
without clipping. Since the DAC is designed to produce an
analog output of 2 V rms (differential) with a 0 dB digital input,
signals between 0 dB and 1/0.75 (approximately 3 dB) will produce
larger analog outputs and result in slightly degraded analog per-
formance. This extra analog range is necessary in order to pass 0
dBFS square waves through the system, as these square waves
cause overshoots in the interpolation filters that would otherwise
briefly clip the digital DAC circuitry.
A separate digital clipper circuit is used in the DSP core to
ensure that any accumulator values that exceed the numeric
3.23 format range are clipped when taken from the accumulator.
High-Pass Filter
The high-pass filter is a first-order double-precision design. The
purpose of the high-pass filter is to remove digital dc from the
input. If this dc were allowed to pass, the detectors used in the
compressor/limiter would give an incorrect reading for low
signal levels.
The high-pass filter is controlled by a single parameter
(alpha_HPF), which is programmed by writing to SPI location
180 in 2.20 twos complement format. The following equation
can be used to calculate the parameter Alpha_HPF from the –3 dB
point of the filter:
Alpha
HPF
EXP
HPF CUTOFF
f
S
_. –
–.
_
=
××


10
20
π
where EXP is the exponential operator, HPF_CUTOFF is the
high-pass cutoff in Hz, and fS is the audio sampling rate.
The default value for the –3 dB cutoff of the high-pass filter is
2.75 Hz at a sampling rate of 44.1 kHz.
b0
IN
OUT
b1
b2
a1
a2
Z–1
Z–1
Z–1
Z–1
Figure 5. Biquad Filter
Biquad Filters
Each of the two input channels has seven second-order biquad
sections in the signal path. In addition, the left and right chan-
nels have two additional biquad filters that may be used either
as crossover filters or as additional equalization filters. The sub
channel has three additional biquad filters, also to be used as
equalization and/or crossover filters. In a typical scenario, the
SIGNAL PROCESSING
(3.23 FORMAT)
SERIAL PORT
DAC INTERPOLATION
FILTERS (3.23 FORMAT)
DIGITAL
-
MODULATORS
(1.23 FORMAT)
DIGITAL
CLIPPER
DATA IN
2-BIT SIGN EXTENTION
0.75
1.23
3.23
Figure 4. Numeric Precision and Clipping Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com