Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 1 Page - Analog Devices

  AD1953_15 Datasheet HTML 1Page - Analog Devices AD1953_15 Datasheet HTML 2Page - Analog Devices AD1953_15 Datasheet HTML 3Page - Analog Devices AD1953_15 Datasheet HTML 4Page - Analog Devices AD1953_15 Datasheet HTML 5Page - Analog Devices AD1953_15 Datasheet HTML 6Page - Analog Devices AD1953_15 Datasheet HTML 7Page - Analog Devices AD1953_15 Datasheet HTML 8Page - Analog Devices AD1953_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
a
AD1953
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
SERIAL CONTROL
INTERFACE
MCLK
MUX
MCLK
GENERATOR
(256/512 fS)
DAC – L
DAC – R
DAC – SW
DATA CAPTURE
OUT/TDM OUT
AUDIO DATA
MUX
26
22
DSP CORE
DATA FORMAT:
3.23 (SINGLE PRECISION)
3.45 (DOUBLE PRECISION)
RAM
ROM
3
3
3
3
3
ANALOG
OUTPUTS
AD1953
MASTER CLOCK
OUTPUT
SERIAL DATA
INPUTS
MASTER
CLOCK INPUTS
SERIAL DATA
OUTPUT
SPI INPUT
SPI DATA
OUTPUT
AUX SERIAL
DATA INPUT
DIGITAL
OUTPUT
SigmaDSP3-Channel, 26-Bit
Signal Processing DAC
FEATURES
5 V 3-Channel Audio DAC System
Digital Audio Output (2-Channel or 6-Channel
Packed Mode)
Accepts Sample Rates up to 48 kHz
7 Biquad Filter Sections per Channel
Dual Dynamic Processor with Arbitrary Input/Output
Curve and Adjustable Time Constants
0 ms to 6 ms Variable Delay/Channel for Speaker Alignment
Stereo Spreading Algorithm for Phat Stereo™ Effect
Program RAM Allows Complete New Program Download
via SPI Port
Parameter RAM Allows Complete Control of More Than
200 Parameters via SPI Port
SPI Port Features Safe-Upload Mode for Transparent
Filter Updates
2 Control Registers Allow Complete Control of Modes
and Memory Transfers
Differential Output for Optimum Performance
112 dB Signal-to-Noise (Not Muted) at 48 kHz Sample
Rate (A-Weighted Stereo)
70 dB Stop-Band Attenuation
On-Chip Clickless Volume Control
Hardware and Software Controllable Clickless Mute
Digital De-emphasis Processing for 32 kHz, 44.1 kHz, 48 kHz
Sample Rates
Flexible Serial Data Port with Right-Justified, Left-Justified,
I2S Compatible, and DSP Serial Port Modes
Auxiliary Digital Input
Graphical Custom Programming Tools
48-Lead LQFP Plastic Package
APPLICATIONS
2.0/2.1 Channel Audio Systems (2 Main Channels
Plus Subwoofer)
Multichannel Automotive Sound Systems
Multimedia Audio
Mini Component Stereo
Home Theater Systems (AC-3 Postprocessor)
Musical Instruments
In-Seat Sound Systems (Aircraft, Motor Coaches)
PRODUCT OVERVIEW
The AD1953 is a complete 26-bit, single-chip, 3-channel digital
audio playback system with built-in DSP functionality for speaker
equalization, dual-band compression/limiting, delay compensa-
tion, and image enhancement. These algorithms can be used to
compensate for real-world limitations of speakers, amplifiers,
and listening environments, resulting in a dramatic improvement
of perceived audio quality.
The signal processing used in the AD1953 is comparable to that
found in high end studio equipment. Most of the processing is
done in full 48-bit double-precision mode, resulting in very good
low level signal performance and the absence of limit cycles or
idle tones. The compressor/limiter uses a sophisticated two-band
algorithm often found in high end broadcast compressors.
(continued on page 9)


Similar Part No. - AD1953_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1953YST AD-AD1953YST Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
AD1953YST AD-AD1953YST Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1953YSTRL AD-AD1953YSTRL Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
AD1953YSTRL AD-AD1953YSTRL Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1953YSTRL7 AD-AD1953YSTRL7 Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
More results

Similar Description - AD1953_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1953 AD-AD1953 Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954 Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
8/03-Data Sheet changed from REV. 0 to REV. A.
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
AD9789BBC AD-AD9789BBC Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
logo
Shenzhenshi YONGFUKANG ...
CSC37534 YONGFUKANG-CSC37534 Datasheet
505Kb / 19P
3-band audio signal processing circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com