Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 29 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 25Page - Analog Devices AD1953_15 Datasheet HTML 26Page - Analog Devices AD1953_15 Datasheet HTML 27Page - Analog Devices AD1953_15 Datasheet HTML 28Page - Analog Devices AD1953_15 Datasheet HTML 29Page - Analog Devices AD1953_15 Datasheet HTML 30Page - Analog Devices AD1953_15 Datasheet HTML 31Page - Analog Devices AD1953_15 Datasheet HTML 32Page - Analog Devices AD1953_15 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
REV. 0
AD1953
–29–
Table XXI. Data Capture Trap Indexes and Register Select
Program Count
Signal Description
Index (9 Bits)
Register Select (2 Bits)
Numeric Format
HPF Out Left
15
Mult_Out
1.23, Clipped
HPF Out Right
259
Mult_Out
1.23, Clipped
De-emphasis Out Left
19
Mult_Out
1.23, Clipped
De-emphasis Out Right
263
Mult_Out
1.23, Clipped
Left Biquad 0 Output
34
Mult_Out
1.23, Clipped
Left Biquad 1 Output
43
Mult_Out
1.23, Clipped
Left Biquad 2 Output
52
Mult_Out
1.23, Clipped
Left Biquad 3 Output
61
Mult_Out
1.23, Clipped
Left Biquad 4 Output
70
Mult_Out
1.23, Clipped
Left Biquad 5 Output
79
Mult_Out
1.23, Clipped
Left Biquad 6 Output
88
Mult_Out
1.23, Clipped
Right Biquad 0 Output
284
Mult_Out
1.23, Clipped
Right Biquad 1 Output
293
Mult_Out
1.23, Clipped
Right Biquad 2 Output
302
Mult_Out
1.23, Clipped
Right Biquad 3 Output
311
Mult_Out
1.23, Clipped
Right Biquad 4 Output
320
Mult_Out
1.23, Clipped
Right Biquad 5 Output
329
Mult_Out
1.23, Clipped
Right Biquad 6 Output
338
Mult_Out
1.23, Clipped
Volume Out Left
114
Mult_Out
1.23, Clipped
Volume Out Right
111
Mult_Out
1.23, Clipped
Volume Out Sub
459
Mult_Out
1.23, Clipped
Phat Stereo Out Left
115
Mult_Out
1.23, Clipped
Phat Stereo Out Right
112
Mult_Out
1.23, Clipped
Delay Output Left
190
Mult_Out
1.23, Clipped
Delay Output Right
361
Mult_Out
1.23, Clipped
Main Compressor rms Out (dB)
154
DB_Out
24-Bit Positive Binary, Bit <19>
Corresponds to a 3 dB Change
Main Compressor Gain Reduction
165
MCI
2.22, 2 LSB = 0
(Linear)
Look-Ahead Delay Output Left
165
MDI
3.21, 2 LSBs truncated
Look-Ahead Delay Output Right
178
MDI
3.21, 2 LSBs truncated
Main Compressor Out Left
175
Mult_Out
1.23, Clipped
Main Compressor Out Right
188
Mult_Out
1.23, Clipped
Interpolator Input Left
191
Mult_Out
1.23, Clipped
(includes SUB Reinject)
Interpolator Input Right
362
Mult_Out
1.23, Clipped
(includes SUB Reinject)
Sub Channel Filter Input
430
Mult_Out
1.23, Clipped
Sub XOVER Biquad 0 Output
438
Mult_Out
1.23, Clipped
Sub XOVER Biquad 1 Output
447
Mult_Out
1.23, Clipped
Sub XOVER Biquad 2 Output
456
Mult_Out
1.23, Clipped
Left XOVER Biquad 0 Output
99
Mult_Out
1.23, Clipped
Left XOVER Biquad 1 Output
108
Mult_Out
1.23, Clipped
Right XOVER Biquad 0 Output
349
Mult_Out
1.23, Clipped
Right XOVER Biquad 1 Output
358
Mult_Out
1.23, Clipped
Sub Delay Output
511
Mult_Out
1.23, Clipped
Sub rms Biquad Output
467
Mult_Out
1.23, Clipped
Sub rms Output (dB)
489
DB_Out
24-Bit Positive Binary, Bit <19>
Corresponds to a 3 dB Change
Sub Compressor Gain (Linear)
495
MCI
2.22, 2 LSB = 0
Sub Channel Output
511
Mult_Out
1.23, Clipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com