Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 3Page - STMicroelectronics RM0345 Datasheet HTML 4Page - STMicroelectronics RM0345 Datasheet HTML 5Page - STMicroelectronics RM0345 Datasheet HTML 6Page - STMicroelectronics RM0345 Datasheet HTML 7Page - STMicroelectronics RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
RM0345
Power supply
Doc ID 024080 Rev 3
7/38
2
Power supply
The Calibration boards requires a +5 V to supply the on board CAN transceiver and a
+3.3 V to supply the SPC563M64xx calibration bus interface and for the external RAM.
The 3.3 V supply is generated on the SPC563M64CAL144 (rev.B) via the very low drop
voltage regulator by using the +5V. A LED (D1) will light when the board is powered.
Figure 2.
Power supply
By default the 5V is taken from the target application through the VDDREG supply level
(supply input for the internal voltage regulators of the SPC563M64xx). Gauge J14 enables
the powering from the application board. Table 2 shows its option configuration.
In case that no additional power loading could be applied to the application system during
calibration, the +5V can be supplied externally via J4 connector (+5V test point, see
Figure 4) and the gauge J14 (see Figure 3) must be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com