Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Calibration bus interface and External Memory
RM0345
12/38
Doc ID 024080 Rev 3
4
Calibration bus interface and External Memory
The SPC563M64xx features a 16-bit de-multiplexed calibration bus interface that is
connected to an external 2Mbyte SRAM thanks to an on board latch.
4.1
External memory specification
The
calibration board provides a SRAM with the following characteristics:
2Mbyte static RAMs organized as 1024K words by 16 bits;
16-bit data width;
Fully static operation: no clock or refresh required;
3.3V input supply;
/CE power-down;
High-speed access time (10ns);
Full automotive temperature range;
Lead-free.
When /CE is HIGH (deselected), the device assumes a standby mode at which the power
dissipation can be reduced down with CMOS input levels.
4.2
SRAM supply and data retention function
The circuitry in Figure 6 has been implemented on the
calibration board to protect the
memory and to guarantee that the Working Page is valid after a power fail of the target
application by putting the SRAM in standby powered.
The 3.3 V supply of the SRAM (Vmem) is gated by the RESET and RSTOUT signals of the
SPC563M64xx.
The memory enable is driven via the SPC563M64xx chip select C_CS0 “and” the RESETs
signals combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com