Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Development connector
RM0345
16/38
Doc ID 024080 Rev 3
Figure 6 shows the mapping of the development connector that provides Debug, Nexus
trace and calibration signals. The port connector is an AMP 38 pin Mictor style.
Figure 9.
AMP 38 Mictor
*) signal is connected via cut trace option
Table 6.
Nexus signals on AMP 38 Mictor connector
Pin
Description
Pin
Descriptio
1
nc
2
nc
3
nc
4
nc
5
C_MDO9
6
CLKOUT*
7
BOOTCFG1*
8
C_MDO8
9
/RESET
10
C_EVTI
11
TDO
12
+3.3V
13
C_MDO10
14
RDY
15
TCK
16
C_MDO7
17
TMS
18
C_MDO6
19
TDI
20
C_MDO5
21
JCOMP
22
C_MDO4
23
C_MDO11
24
C_MDO3
25
nc
26
C_MDO2
27
10K pull down resistor
28
C_MDO1
29
TOOL_IO1
30
C_MDO0
31
VDDEH1A
32
C_EVTO
33
VDDEH1A
34
C_MCKO
35
TOOL_IO0
36
C_MSEO1
37
VSTBY*
38
C_MSEO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com