Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 24 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics RM0345 Datasheet HTML 25Page - STMicroelectronics RM0345 Datasheet HTML 26Page - STMicroelectronics RM0345 Datasheet HTML 27Page - STMicroelectronics RM0345 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Calibration software compatibility and configuration
RM0345
24/38
Doc ID 024080 Rev 3
9.1.3
Cal Bus EBI Settings
For using the calibration bus with an external memory the user must configure the bus for
multiplexed operation. These settings are located in two registers:
EBI Module Configuration Register (EBI_MCR)
EBI Calibration Base Register (EBI_CAL_BRx)
EBI Calibration Option Register (EBI_CAL_ORx)
The EBI Module Configuration Register contains bits which configure various attributes
associated with EBI operation. In the EBI_MCR register, the D16_31, AD_MUX and DBM
fields need to be configured.
In the EBI_CAL_BRx register there are few fields that need to be configured, these are
detailed in the Table 14 .
Table 13.
EBI_MCR register setting
bit
field
Name
Description
value
29
D16_31
Data Bus 16_31 Select
The D16_31 bit controls whether the EBI uses the
DATA[0:15] or DATA[16:31] signals, when in 16-bit Data
Bus Mode (DBM=1) or for chip-select accesses to a 16-
bit port (PS=1).
0b0
1 = DATA[16:31] signals are used for 16-bit port accesses
0 = DATA[0:15] signals are used for 16-bit port accesses
30
AD_MUX
Address on Data Bus
Multiplexing Mode
The AD_MUX bit controls whether non-chip-select
accesses have the address driven on (or sampled from
for external master transfers) the data bus in the address
phase of a cycle.
0b1
1 = Address on Data Multiplexing Mode is used for non-
CS accesses.
0 = Only Data on data pins for non-CS accesses.
31
DBM
Data Bus Mode
The DBM bit controls whether the EBI is in 32-bit or 16-bit
Data Bus Mode.
0b1
1 = 16-bit Data Bus Mode is used
0 = 32-bit Data Bus Mode is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com