Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
CAN interface
RM0345
20/38
Doc ID 024080 Rev 3
8
CAN interface
The
calibration board is equipped with one ST L9616 High-Speed Transceiver. It provides
the Controller Area Network (CAN) communication interface through the SPC563M64xx
CAN interface for calibration via CAN. This serial communication can reach speeds up to
1Mbps.
Figure 12.
CAN schematic diagram
Two jumpers (J12 and J13), allow to select between the two FlexCAN interfaces of the
SPC563M64xx mcu.
The CAN channel is terminated with a 120 ohms resistor. Moreover, a protection circuitry
has been designed to protect the CAN transceiver in high-speed and fault tolerant networks
from ESD and other harmful transient voltage events (see Figure 12).
The L9616 CAN transceiver has an Adjustable Slope Control (ASC) feature that sets the
slope speed using its ASC pin. This feature select the modes of operation:
low speed (CAN baud rate up to 250kBaud)
high speed (CAN baud rate from 250kBaud to 1000kBaud)
This pin can be put to high or to low by the cut trace options J6, J17 & J7 as described in
Table 9.
Table 8.
J12, J13 FlexCAN interface selection
FlexCAN interface
J12 pin configuration
TX select
J13 pin configuration
RX select
FlexCAN A
2 - 3
2 - 3
FlexCAN C
2 - 1
2 - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com