Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 4Page - STMicroelectronics RM0345 Datasheet HTML 5Page - STMicroelectronics RM0345 Datasheet HTML 6Page - STMicroelectronics RM0345 Datasheet HTML 7Page - STMicroelectronics RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Power supply
RM0345
8/38
Doc ID 024080 Rev 3
Figure 3.
Supply signals from the QFP144 footprint
Figure 4.
Test points on J4 connector
All power signals and voltage references of the SPC563M64xx QFP144 footprint from the
application board are directly connected to the respective calibration device signals.
The VDDE12 supply used to power the dedicated SPC563M64xx calibration bus interface is
connected to the upon board +3.3 V voltage regulator.
VSSAVSSSYN
GND
VRCCTL
VDDREG
VSTBY
C46
1uF
GND
VDDEH1
.A
24
VDDEH1B
34
VDDEH1
C
46
VDDEH4
61
VDDEH6A
78
VDDEH6B
93
VDDEH7
102
VDDEH7
113
VDDPLL
74
VDDREG
10
VRC33
13
VRCCTL
11
VSSPLL
77
VSSA0
7
VSTBY
12
VDDA0
6
VSUP
79
VDDA0
VDDSYN
Default = CL
J15
J14
Default = CLOSE
+5V
VDDEH1B
VDDEH6A
VDDEH7
VDDEH6A
VDDEH1A
VDDEH1B
VDDEH6B
GAPGRI00341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com