Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 25 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics RM0345 Datasheet HTML 25Page - STMicroelectronics RM0345 Datasheet HTML 26Page - STMicroelectronics RM0345 Datasheet HTML 27Page - STMicroelectronics RM0345 Datasheet HTML 28Page - STMicroelectronics RM0345 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
RM0345
Calibration software compatibility and configuration
Doc ID 024080 Rev 3
25/38
Table 14.
EBI_CAL_BRx register setting
bit
field
Name
Description
value
0-16
BA
Base address
These bits are compared to the corresponding
unmasked address signals among ADDR[0:16] of the
internal address bus to determine if a memory bank
controlled by the memory controller is being accessed by
an internal bus master
Note: An MCU may have some of the upper bits of the
BA field tied to a fixed value internally in order to restrict
the address range of the EBI for that MCU. Refer to the
device-specific documentation to see which bits are tied
off, if any, for a particular MCU. Tied-off bits can be read
but not written. These bits are ignored by the EBI during
the chip-select address comparison. However, the
internal bridge of the MCU most likely requires that the
chipselect banks be located in memory regions
corresponding to the fixed values chosen
-
20
PS
Port Size
The PS bit determines the data bus width of transactions
to this chip-select bank.
Note: In the case where the DBM bit in EBI_MCR is set
for 16-bit Data Bus Mode, the PS bit value is ignored and
is always treated as a ’1’ (16-bit port).
0b1
1 = 16-bit port
0 = 32-bit port
24
AD_MUX
Address on Data Bus
Multiplexing
The AD_MUX bit controls whether accesses for this chip
select have the address driven on the data bus in the
address phase of a cycle
0b1
1 = Address on Data Multiplexing Mode is enabled for
this chip select.
0 = Address on Data Multiplexing Mode is disabled for
this chip select.
26
WEBS
Write Enable / Byte
Select
This bit controls the functionality of the WE[0:3]/BE[0:3]
signals.
0b1
1 = The WE[0:3]/BE[0:3] signals function as BE[0:3]
0 = The WE[0:3]/BE[0:3] signals function as WE[0:3]
30
BI
Burst Inhibit
This bit determines whether or not burst read accesses
are allowed for this chipselect bank. The BI bit is ignored
(treated as 1) for chip-select accesses with external TA
(SETA=1).
0b1
1 = Disable burst accesses for this bank. This is the
default value out of reset (or when SETA=1).
0 = Enable burst accesses for this bank]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com