Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 1 Page - STMicroelectronics

  RM0345 Datasheet HTML 1Page - STMicroelectronics RM0345 Datasheet HTML 2Page - STMicroelectronics RM0345 Datasheet HTML 3Page - STMicroelectronics RM0345 Datasheet HTML 4Page - STMicroelectronics RM0345 Datasheet HTML 5Page - STMicroelectronics RM0345 Datasheet HTML 6Page - STMicroelectronics RM0345 Datasheet HTML 7Page - STMicroelectronics RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
September 2013
Doc ID 024080 Rev 3
1/38
RM0345
Reference manual
SPC563M64CAL144
calibration adapter board for SPC563M64xx devices
Introduction
The SPC563M64CAL144 (rev.B) system is designed to enable the use of new enhanced
automotive calibration and debug tools on the SPC563M64xx family of automotive
microcontrollers.
The SPC563M64CAL144 (rev.B) can be fitted onto the application printed circuit board
(PCB) in place of the standard SPC563M64xx family microcontroller in LQFP144 package.
SPC563M64CAL144 (rev.B) hardware is designed to support two standardized tool
connectors, allowing a variety of calibration and debug hardware to be connected and
reused
Figure 1.
SPC563M64CAL144 (rev.B)
Table 1.
Board summary
Order code
On board device
Target footprint
SPC563M64CAL144
SPC563M64xx
QFP144
www.st.com


Similar Part No. - RM0345

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM030 MACOM-RM030 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
Vishay Barry
RM0302AS-1000FN-90 BARRY-RM0302AS-1000FN-90 Datasheet
162Kb / 2P
60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
RM0302AS-1000FN-90WP BARRY-RM0302AS-1000FN-90WP Datasheet
162Kb / 2P
60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
RM0302AS-1000GN-90 BARRY-RM0302AS-1000GN-90 Datasheet
162Kb / 2P
60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
RM0302AS-1000GN-90WP BARRY-RM0302AS-1000GN-90WP Datasheet
162Kb / 2P
60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
More results

Similar Description - RM0345

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB260ADP STMICROELECTRONICS-SPZB260ADP Datasheet
400Kb / 11P
Adapter board
18-Apr-2008
logo
NXP Semiconductors
MCIMX6QP-SDB NXP-MCIMX6QP-SDB Datasheet
325Kb / 12P
SABRE Board for Smart Devices
2012, 2014??015
logo
Melexis Microelectronic...
PTC04-DB-HALL03 MELEXIS-PTC04-DB-HALL03 Datasheet
226Kb / 8P
Daughter Board for Melexis PTC devices
PTC04-DB-922XX MELEXIS-PTC04-DB-922XX Datasheet
354Kb / 8P
Daughter Board for Melexis PTC devices
logo
Rosenberger Hochfrequen...
53QCK070-150 ROSENBERGER-53QCK070-150 Datasheet
557Kb / 2P
Calibration Kit Adapter Version
logo
Melexis Microelectronic...
PTC04-DB-90316 MELEXIS-PTC04-DB-90316 Datasheet
313Kb / 9P
Daughter Board for Melexis PTC devices
PTC04-DB-HALL02 MELEXIS-PTC04-DB-HALL02 Datasheet
370Kb / 8P
Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06 Datasheet
1Mb / 14P
Daughter Board for Melexis PTC devices
logo
Maxim Integrated Produc...
MAXPICO2PMB MAXIM-MAXPICO2PMB Datasheet
2Mb / 12P
Adapter Board
Rev 0; 1/21
logo
Melexis Microelectronic...
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06_V01 Datasheet
1Mb / 23P
Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com