Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 34 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 30Page - STMicroelectronics RM0345 Datasheet HTML 31Page - STMicroelectronics RM0345 Datasheet HTML 32Page - STMicroelectronics RM0345 Datasheet HTML 33Page - STMicroelectronics RM0345 Datasheet HTML 34Page - STMicroelectronics RM0345 Datasheet HTML 35Page - STMicroelectronics RM0345 Datasheet HTML 36Page - STMicroelectronics RM0345 Datasheet HTML 37Page - STMicroelectronics RM0345 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Schematic
RM0345
34/38
Doc ID 024080 Rev 3
Figure 18.
Polypod-TQ144 connector schematic
Default = CLOSE
GND
VDD
/RESET
/RSOUT
BOOTCFG1
WKPCFG
PLLREF
VSSA VSSSYN
GND
EMIOS.4
EMIOS.8
EMIOS.9
EMIOS.11
EMIOS.12
EMIOS.14
EMIOS.10
EMIOS.0
EMIOS.2
EMIOS.23
/MSEO0
MDO0
MDO1
MDO2
MDO3
EVTI
EVTO
MCKO
PCS_B0
PCS_B1
PCS_B2
PCS_B3
PCS_B4
PCS_B5
SOUT_B
SIN_B
SCK_B
VRH
VRL
REFBYPC
EXTAL
XTAL
CNRX_C
CNRX_A
CNTX_A
CNTX_C
RXD_B
RXD_A
TXD_A
TXD_B
JCOMP
TMS
TDO
TDI
TCK
VRCCTL
VDDREG
VSTBY
C46
1uF
GND
AN.0
AN.1
AN.2
AN1
142
AN21
144
AN5
138
AN3
140
AN7
136
AN23
131
AN12-SDS
119
AN13-SDO
118
AN4
139
AN14-SDO
117
AN0
143
AN22
132
AN9
5
AN6
137
AN2
141
AN11
4
AN18
1
AN15-FCK
116
AN17
2
AN16
3
AN30
126
AN32
124
AN31
125
AN24
130
AN25
129
AN28
127
AN27
128
AN33
123
AN35
121
AN34
122
AN38
9
ETPUA0
52
AN39
8
ETPUA1
51
ETPUA2
50
ETPUA3
49
ETPUA4
47
ETPUA5
45
ETPUA6
44
ETPUA7
43
ETPUA8
42
ETPUA9
41
ETPUA10
40
ETPUA11
39
ETPUA12
38
ETPUA13
37
ETPUA14
35
ETPUA15
33
ETPUA16
32
ETPUA17
31
ETPUA18
30
ETPUA19
29
ETPUA20
28
ETPUA21
27
ETPUA22
25
ETPUA23
23
ETPUA24
21
ETPUA25
20
ETPUA26
19
ETPUA27
18
ETPUA28
17
ETPUA29
16
ETPUA30
15
ETPUA31
14
RSTOUT
85
RESET
80
WKPCFG
71
BOOTCFG1
70
PLLREF
68
EMIOS0
54
EMIOS2
55
EMIOS4
56
EMIOS8
57
EMIOS9
58
EMIOS10
60
EMIOS11
62
EMIOS12
63
EMIOS14
64
EMIOS23
65
VRL
133
VRH
134
REFBYPC
135
EXTAL
75
XTAL
76
CNTXA
66
CNTXC
84
CNRXA
67
CNRXC
81
TXDA
83
RXDA
82
TXDB
72
RXDB
69
JCOMP
98
TDO
100
TDI
107
TCK
105
TMS
108
MCKO
99
MSEO1
101
MSEO0
109
EVTI
103
EVTO
106
MDO0
110
MDO1
111
MDO2
112
MDO3
114
PCSB5
87
PCSB4
88
PCSB3
97
PCSB0
94
PCSB2
90
PCSB1
92
SINB
95
SOUTB
96
SCKB
89
VDDEH1A
24
VDDEH1B
34
VDDEH1B
46
VDDEH6A
61
VDDEH6A
78
VDDEH6B
93
VDDEH7
102
VDDEH7
113
VDDPLL
74
VDDREG
10
VRC33
13
VRCCTL
11
VSSPLL
77
VSSA0
7
VSTBY
12
VDDA0
6
VSUP
79
U5
Polypod-TQ144
AN.3
AN.4
AN.5
AN.6
AN.7
AN.9
AN.11
AN.12
AN.13
AN.14
AN.15
AN.16
AN.17
AN.18
AN.21
AN.22
ETPUA.5
ETPUA.4
ETPUA.3
ETPUA.2
ETPUA.1
ETPUA.0.M5
AN.23
AN.24
AN.25
AN.27
AN.28
AN.39
AN.38
AN.35
AN.34
AN.33
AN.31
AN.30
AN.32
ETPUA.6
ETPUA.7
ETPUA.8
ETPUA.9
ETPUA.10
ETPUA.11
ETPUA.12
ETPUA.13
ETPUA.14
ETPUA.15
ETPUA.16
ETPUA.17
ETPUA.18
ETPUA.19
ETPUA.20
ETPUA.21
ETPUA.22
ETPUA.23
ETPUA.24
ETPUA.26
ETPUA.25
ETPUA.27
ETPUA.28
ETPUA.29
ETPUA.30
ETPUA.31
VDDA0
VDDSYN
/MSEO1
Default = CLOSE
J15
VRC33
J14
+5V
VDDEH7
VDDEH6A
VDDEH1A
VDDEH1B
VDDEH6B
GAPGRI00356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com