Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
RM0345
Tool IO
Doc ID 024080 Rev 3
19/38
7
Tool IO
The SPC563M64xx in CSP496 package provides 2 signals, GPIO[206] & GPIO[207], that
are not available in the QFP144 standard production package. They can be used by the
calibration tools to implement triggers and handshakes. On the
calibration board, these
signals are available on the JP1 development connector and J9 calibration connector.
By default GPIO[206] & GPIO[207] are powered by VDDEH at 5V. A level shifter (see
Figure 11) does the translation between the 5v and the 3.3V. This is because the calibration
tools operates at 3.3V that is the voltage level of the JTAG and Nexus interfaces.
Figure 11.
Calibration triggers TOOL_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com