Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 6Page - STMicroelectronics RM0345 Datasheet HTML 7Page - STMicroelectronics RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Power supply
RM0345
10/38
Doc ID 024080 Rev 3
Table 2.
J15, J2 and J14 option cut traces(1)
1.
Refer to Chapter Appendix D: Options placement for layout Jumper placement
Option
name
Function
Value
Note
J15
VRC33
open
VRC33 signal is disconnected from the target
application board
close
(default)
VRC33 signal is connected to the target
application board
J2
VRC33
open
(default)
VRC33 signal is disconnected from the on board
+3.3V signal
close
VRC33 signal is connected to the
on board
+3.3V signal
J14
+5V supply
open
+5V is powered from J4 connector
close
(default)
+5V is powered from target application via
VDDREG pin of the QFP144 target footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com