Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
RM0345
Calibration connector
Doc ID 024080 Rev 3
17/38
6
Calibration connector
The board is equipped with an ERNI connector to give a more robust solution in terms of
physical connectivity for Calibration purpose.
Figure 10.
J9 Calibration connector
The Table 7 shows the mapping of the calibration connector that provides Debug and
calibration signals. The port connector is an ERNI 154819 style.
Table 7.
Nexus signals on AMP 38 Mictor connector
Pin
SPC563M64xx
routing
standard function
Pin
SPC563M64xx
routing
standard function
B1
nc
nc
A1
nc
nc
B2
nc
nc
A2
JCOMP
JTAG interface
B3
/RSOUT
/RSOUT
A3
CAL Wakeup
12V output for Wakeup
functionality
B4
GND
GND
A4
C_EVTI
JTAG interface
B5
GND
GND
A5
TDO
JTAG interface
B6
GND
GND
A6
TMS
JTAG interface
B7
GND
GND
A7
TCK
JTAG interface
B8
GND
GND
A8
TDI
JTAG interface
B9
GND
GND
A9
Vmem
VDDSBRAM (Backup
Voltage of ECU
Standby RAM)
B10
/RESET
/RESET
A10
nc
nc
B11
GPIO[207]
(@3.3V)
GPIO Pins for startup
handshake and
triggering
A11
RSVDx
reserved Input,
connect pin to a solder
pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com