Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
RM0345
Calibration bus interface and External Memory
Doc ID 024080 Rev 3
13/38
Figure 6.
SRAM supply circuitry
The jumper J11 (see Figure 6) allows to select the standby operation of the SRAM.
The standby voltage can be selected between:
●
SPC563M64xx Vstby pin: same standby voltage as the internal RAM;
●
the 3.3V generated on the
calibration board;
●
ECU_Stby supplied by the calibration connector J9 (see Figure 10).
Table 4.
J11 configuration of SRAM supply for retention mode
J11
SRAM standby supply source
all open
ECU_Stby: standby voltage on J9 calibration connector
1-2 closed
Upon the board +3.3V generated
2-3 closed
VSTBY input pin of the
SPC563M64xx from the target application
+5V
+3.3V
R1
330
D1
LED
C35
100n
C34
4.7uF
C37
100n
C36
2.2uF
GND
IN
1
OUT
3
U2
LF33CDT-TRY
VSTBY
+3.3V
C31
1uF
GND
/RESET
Vmem
GND
Vmem
GND
1
2
4
U7
74V1G00CTR
1
2
4
U8
74V1G32CTR
ECU_Vstby
/RSOUT
/CE_RAM
/CS0
Vmem
D2
20CJQ060
Q1
STT5PF20V
2
J11
GAPGRI00344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com