Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 27 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics RM0345 Datasheet HTML 25Page - STMicroelectronics RM0345 Datasheet HTML 26Page - STMicroelectronics RM0345 Datasheet HTML 27Page - STMicroelectronics RM0345 Datasheet HTML 28Page - STMicroelectronics RM0345 Datasheet HTML 29Page - STMicroelectronics RM0345 Datasheet HTML 30Page - STMicroelectronics RM0345 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
RM0345
Calibration software compatibility and configuration
Doc ID 024080 Rev 3
27/38
9.2
Example Configuration CODE
The following code is used to configure the calibration bus for 16bit de-multiplexed mode.
//---------------------------------------------------
// SIU PCR (Pad Configuration Register) setup
// (Cal BUS bommon drive strength = 20pF, DSC = 0b01)
//---------------------------------------------------
SIU.PCR[336].R = 0x0040;//CAL_CS[0]DSC=20pF (0b01)
SIU.PCR[338].R = 0x0440;//CAL_CS[2] (PA=0b1),DSC=20pF (0b01)
SIU.PCR[339].R = 0x0040;//CAL_ADDR[11] (PA=0b0), DSC=20pF (0b01)
SIU.PCR[340].R = 0x0040;//CAL_ADDR[12..15], DSC=20pF (0b01)
SIU.PCR[345].R = 0x0040;//CAL_ADDR[16..30], DSC=20pF (0b01)
SIU.PCR[341].R = 0x0040;//CAL_DATA[0..15], DSC=20pF (0b01)
SIU.PCR[342].R = 0x0040;//CAL_RD/WR, CAL_WE[0-1], CAL_OE, DSC=20pF
(0b01)
SIU.PCR[343].R = 0x0040;//CAL_ALE, DSC=20pF (0b01)
//--------------------------------------------------
// SIU ECCR (External Clock Control Register) setup
//--------------------------------------------------
SIU.ECCR.R = 0x1000//External Bus Division Factor = 1 (EBDF=0b00)
//--------------------------------------------------
// EBI Registers setup
//--------------------------------------------------
//-----------------------------------------------------------------
// EBI MCR setup for 16-bit bus configuration:
//
// EARP = 01 (Equal priority);
// D16_31 = 0 (DATA[0:15] signals are used for 16-bit port accesses);
// AD_MUX = 1 (Addr on Data Multiplexing Mode is used for non-CS acc.);
// DBM = 0 (32-bit Data Bus Mode is used);
EBI.MCR.R = 0x802;
//------------------------------------------------------
// EBI Base Register setup for 16-bit bus configuration:
//
// Base Address = 0x20000000;
// PS = 1 (16-bits port size)
// AD_MUX = 1 (Address on Data Multiplexing Mode is enabled for this chip select);
// WEBS = 1 (Use BE function);
// BI = 1 (Disable burst accesses for this bank);
// V = 1 (Valid CS Bank)
EBI.CAL_CS[0].BR.R = 0x200008A3;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com