Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0345 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics RM0345 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
RM0345
CAN interface
Doc ID 024080 Rev 3
21/38
The cut trace options J6, J17, J18 and J19 has been put in the design of this board to select
the supply of the CAN transceiver between 5 V and 3.3 V. By this option is possible to
replace the ST L9616 High-Speed Transceiver mounted on board by default, with a different
transceiver that operates at 3.3 V.
Note:
Refer to Section Appendix D: Options placement for layout options placement.
Table 9.
J6, J17 and J7 FlexCAN interface selection
J6 (or J17 if 3.3V)
J7
FlexCAN interface
closed
open
low speed operation (default)
(CAN baud rate up to 250kBaud)
open
closed
high speed operation
(CAN baud rate from 250kBaud to 1000kBaud)
Table 10.
CAN transceiver operating voltage selection
CAN Transceiver
J6
J17
J18
J19
5V - ST L9616 High-Speed
Transceiver
Adjustable
Slope Control
open
open
close
3.3V - CAN transceiver
open
Adjustable
Slope Control
close
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com