Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 9Page - STMicroelectronics AN2744 Datasheet HTML 10Page - STMicroelectronics AN2744 Datasheet HTML 11Page - STMicroelectronics AN2744 Datasheet HTML 12Page - STMicroelectronics AN2744 Datasheet HTML 13Page - STMicroelectronics AN2744 Datasheet HTML 14Page - STMicroelectronics AN2744 Datasheet HTML 15Page - STMicroelectronics AN2744 Datasheet HTML 16Page - STMicroelectronics AN2744 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AN2744
Evaluation tools description
13/56
This complete communication node, controlled by the ST7538Q power line modem
demonstration kit, implements real communication at bit level, simply sending or receiving a
user-defined bit stream.
It is possible to establish a half-duplex communication between two of these communication
nodes connected to each other. For better evaluating communication performances, the
ST7538Q power line modem demo kit software tool has some particular features, including:
Frame synchronization: a frame synchronization header can be added to the
transmitted data to set up a simple protocol, intended to test the capability of the
system to correctly receive the exact bit sequence as it has been transmitted. This
feature can be enabled in the Rx panel of the ST7538Q power line modem
demonstration kit. A bit synchronization can be introduced as a simpler feature by
enabling the preamble detection method in the control register panel and then inserting
at least one "0101" or "1010" sequence at the beginning of the bit stream to be
transmitted.
Ping session: a master-slave communication with automatic statistics calculation can
be useful to test a point-to-point or a point-to-multipoint power line communication
network, thus providing a method to evaluate reachability of each node in the network.
For further details about the ST7538Q power line modem demonstration kit tool, please
refer to user manual UM0241 "ST7538 power line modem demonstration kit graphical user
interface”.
Figure 5.
Power line modem demonstration kit with transmission session window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com