Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics AN2744 Datasheet HTML 23Page - STMicroelectronics AN2744 Datasheet HTML 24Page - STMicroelectronics AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AN2744
Board description
25/56
higher selectivity. The values of the actual components give a Q of about 2.2 for the 72 kHz
channel and 1.8 for the 86 kHz channel.
The value of RL impacts more obviously on insertion losses. To evaluate the relationship
between RL and the losses on received signal, the following simplified expression of |R(s)| at
f = fc can be used:
Equation 4
With the chosen components, this formula gives a loss always lower than 1 dB. The same
calculation gives unitary transfer if RL is set to zero.
Looking at the first way to express the module of the transfer function, it can be noticed that
a higher Q can help to keep the losses small. A high Q would bring to a higher sensitivity of
the filter to tolerance of the components.
Figure 14
and Figure 15 show the measured frequency response of the Rx passive filter for
the two channels. The filter has an attenuation of about 5 dB at center frequency. This loss
is mostly due to the Tx filter topology, in particular to the R21-C27 branch that is in parallel to
the Rx path.
7
P
18
L
18
7
C
C
L
C
R
R
1
1
R
L
Q
)
f
2
j
(
R
⋅
⋅
+
=
⋅
ω
⋅
≅
π
⋅
Figure 14.
Measured frequency response of the Rx passive filter for 72 kHz channel (typical)
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
1E+04
1E+05
1E+06
Freq (Hz)
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
1E+04
1E+05
1E+06
Freq (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com