Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Board description
AN2744
32/56
Figure 27
and Figure 28 show the results for the output spectrum measurement. The
EN50065-1 disturbance limits mask is traced in red. It may be compared with the typical
output spectrum of the ST7538Q dual channel reference design board for each channel.
Figure 26.
Conducted disturbance test setup
Figure 27.
Output spectrum (typical) at 72 kHz channel, mains 220 VAC, fixed transmitted tone =
"1"
EN50065
EN50065--1
1
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
f
C =70.8 kHz
S=120.1 dBµV
2f
C =141.6 kHz
S=55.3 dBµV
3f
C =212.4 kHz
S=58.1 dBµV
EN50065
EN50065--1
1
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
f
C =70.8 kHz
S=120.1 dBµV
2f
C =141.6 kHz
S=55.3 dBµV
3f
C =212.4 kHz
S=58.1 dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com