Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Board description
AN2744
40/56
5.6
50-pin connector for communication board
The ST7538Q transceiver requires external digital control to perform communication. This is
done through an ST7 microcontroller which is accommodated on the IBU communication
board (see Section 4).
The communication with the ST7 microcontroller involves several signals, which can be
gathered into 3 groups: digital signals, analog signals and power connections. The signals
for each group are listed in Table 7, Table 8 and Table 9.
Beside the ST7538Q input and output signals, the link to the IBU communication board
includes:
– A 2-bit (B_ID_PLM_1 and B_ID_PLM_0) Board Identification Code, which identifies
the hosted power line transceiver. The "00" HW binary configuration makes the
microcontroller able to recognize the ST7538Q reference design board.
– A VDDF_FORCE signal that forces the microcontroller to refer digital interface levels
to VDDF (VDD) supply voltage provided by the ST7538Q reference design board.
This way both the modem and the microcontroller communicate on the same digital
levels.
Figure 38.
Differential mode disturbances protection
ATOP1
ATOP2
N
P
3
1
2
1
8
4
5
ATOP1
ATOP2
N
P
3
1
2
1
8
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com