Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics AN2744 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
AN2744
Board description
41/56
Figure 39.
Scheme of the communication board connector
B_ID_PLM_0
B_ID_PLM_0
GND
B_ID_PLM_1
B_ID_PLM_1
GND
VDDF_FORCE
VDD
VDDF
CH2
BU
NEG_CH2
TxD
TOUT
RxD
REG_DATA
CLRT
CD/PD
ZCOUT
RxTx
REG_OK
MCLK
WD
RESET
PG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
CN1
CON50A
P10V
PLM_10V
Table 7.
50-pin connector digital signals
Pin n°
Signal name
Description
Generated by
3
MCLK
Oscillator output (programmable)
ST7538Q
8
RESET
Reset Out for microcontroller
ST7538Q
11
REGOK
Register OK signal
ST7538Q
14
NEG_CH2
Secondary channel select (active low)
µC
18
CH2
Secondary channel select (active high)
µC
35
CD/PD
Carrier or preamble detected signal
ST7538Q
37
REG/DATA
Register or Data access
µC
39
RxD
Serial Data Out
ST7538Q
41
RxTx
Reception or Transmission select signal
µC
43
ZCOUT
Zero-crossing detection output
ST7538Q
45
CLR/T
Serial Data Clock
ST7538Q
46
WD
Watchdog counter reset
µC
47
TOUT
Timeout / Thermal Protection event signal
ST7538Q
48
BU
Band in Use detection signal
ST7538Q
49
TxD
Serial Data Input
µC
50
PG
Power good signal
ST7538Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com