Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AN2744
Board description
39/56
5.5
Surge and burst protection
The specific structure of the coupling interface circuit of the application is a weak point
against high voltage disturbances that can come from the external environment. In fact an
efficient coupling circuit with low insertion losses realizes consequently a very low
impedance path from the mains to the power line interface of the device.
For this reason it's recommended to add some specific protections on the mains coupling
path, in order to prevent high energy disturbances coming from the mains from damaging
the internal power circuitry of the ST7538Q.
The possible environments for this kind of application can be both indoor and outdoor:
residential, commercial and light-industrial locations. To verify the immunity of the system to
environmental electrical phenomena, a series of immunity specification standards and tests
must be applied to the power line application.
The requirements for ac-connected ports include EN610000-4-4 (electric fast transients),
EN610000-4-5 (surges), EN610000-4-6 (RF out-of-band disturbances), EN610000-4-11
(voltage dips). All these tests are listed in the EN50065-2-3 document (part 7, immunity
specifications).
In particular, surge tests are specified as both common and differential mode at level +/- 4
kV, with pulse shape 1.2 x 50 µs. Fast transient burst tests are specified at level +/- 2 kV,
with pulse shape 5 x 50 ns and pulse frequency 5 kHz.
Figure 37
and Figure 38 illustrate the protection criteria implemented in the ST7538Q
reference design.
Figure 37
shows the protection against common mode disturbances. The ESD Transil™
protection diodes are able to absorb quickly fast transient disturbances starting from their
6.1 V threshold voltage.
Figure 38
describes the protection intervention in case of differential mode disturbances. A
differential voltage higher than 6.8 V is shorted by the bidirectional power Transil™, which is
the most robust protection and also the one that is able to absorb most of the energy of any
incoming disturbance.
Figure 37.
Common mode disturbances protection
ATOP1
ATOP2
N
P
3
1
2
1
8
4
5
ATOP1
ATOP2
N
P
3
1
2
1
8
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com