Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics AN2744 Datasheet HTML 45Page - STMicroelectronics AN2744 Datasheet HTML 46Page - STMicroelectronics AN2744 Datasheet HTML 47Page - STMicroelectronics AN2744 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Board description
AN2744
44/56
The startup phase could also be critical for the SMPS as output overshoot occurs if the
circuit is not properly designed. Care must be taken in designing a proper clamp network in
order to prevent voltage spikes due to leakage inductance from exceeding the breakdown
voltage of the device (730 V minimum value).
The startup transient is shown in Figure 43. Note that the maximum drain-source voltage
doesn't exceed the minimum breakdown voltage BVDSS, with a reasonable safety margin.
Finally, load regulation is presented in Figure 42 and Figure 43 for different load conditions.
The voltage ranges from 10 V to 9.3 V, within the requested tolerance.
Figure 40.
Typical waveforms at 230 VAC: open
load
Figure 41.
Typical waveforms at 230 VAC: full
load
Ch1 Freq - 9.62kHz; Ch2 Mean - 9.90V
Ch1 Freq - 57.71kHz; Ch2 Mean - 13.79V; Ch4 Max -
503mA
I
OUT
V
DD
V
DS
I
OUT
V
DD
V
DS
V
DS
I
OUT
V
DD
V
DS
I
OUT
V
DD
Figure 42.
Typical waveforms at 265 VAC:
short-circuit
Figure 43.
Typical waveforms at 265 VAC:
startup
Ch2 Freq - 23.50Hz; Ch4 Max - 2.08A; Ch4 Mean - 383mA
Ch1 Max - 702V; Ch2 Mean - 19.72V; Ch4 Max - 500mA
V
DS
V
DD
I
OUT
V
DS
V
DD
I
OUT
V
DS
I
OUT
V
DD
V
DS
I
OUT
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com