Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 18Page - STMicroelectronics AN2744 Datasheet HTML 19Page - STMicroelectronics AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics AN2744 Datasheet HTML 23Page - STMicroelectronics AN2744 Datasheet HTML 24Page - STMicroelectronics AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Board description
AN2744
22/56
Figure 10
and Figure 11 show the measured response of the filter for both channels, loaded
with the CISPR reference network and with 5
Ω impedance. When loaded with the CISPR
network, the Tx passive filter gives an almost flat gain of nearly 3.5 dB around the
transmission carrier frequency. Applying a heavier load makes the frequency response
sharper and the gain at carrier frequency lower. This effect leads to a loss of about 7-8 dB
with a 5
Ω load for both channels.
Table 5.
Line coupling transformer specifications
Parameter
Value
Turn Ratio
1:1
Magnetizing Inductance
> 1 mH
Leakage Inductance
< 1 µH
DC total resistance
< 0.5
Ω
DC saturation current
> 2 mA
Interwinding capacitance
< 50 pF
Withstanding Voltage
4 kV
Figure 10.
Measured frequency response of the Tx passive filter for 72 kHz channel (typical)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
1E+04
1E+05
1E+06
Freq (Hz)
CISPR
5
Ω load
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
1E+04
1E+05
1E+06
Freq (Hz)
CISPR
5
Ω load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com