Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 45Page - STMicroelectronics AN2744 Datasheet HTML 46Page - STMicroelectronics AN2744 Datasheet HTML 47Page - STMicroelectronics AN2744 Datasheet HTML 48Page - STMicroelectronics AN2744 Datasheet HTML 49Page - STMicroelectronics AN2744 Datasheet HTML 50Page - STMicroelectronics AN2744 Datasheet HTML 51Page - STMicroelectronics AN2744 Datasheet HTML 52Page - STMicroelectronics AN2744 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AN2744
Application ideas
49/56
7.3
110-132.5 kHz dual channel coupling circuit
In this paragraph the dual channel application circuit for CENELEC band B and C is
suggested. The 110 and 132.5 kHz channel frequencies of the ST7538Q transceiver are
suitable for home automation applications and in general for applications not subject to the
European AMR regulations.
Table 12
gives the values for changing a few components to obtain a dual channel line
coupling interface at 110 kHz (CH1) and 132.5 kHz (CH2)
Table 12.
List of components to be modified for the 110-132.5 kHz dual channel coupling
Reference
Value
L5
47 µH
L6
22 µH
L7
220 µH
C16
2.2 nF
C20
6.8 nF
C27
82 nF
C29
220 nF
R18
390
Ω
R21
6.8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com