Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AN2744
Board description
33/56
5.2.2
Noise immunity
The tests on immunity against white noise and narrowband conducted interferences are
based on two ST7540 reference design boards performing a simplex (unidirectional)
communication. The first board transmits a given bit sequence, while the receiving board
passes the received bit stream to a PC bit error rate (BER) tester software, which evaluates
the percentage of correctly received bits.
The noise (white noise or sinusoidal interferer) is produced by a waveform generator and
injected into the artificial network through an AC-coupling circuit. Figure 29 illustrates the
test environment used for noise immunity tests.
Figure 28.
Output spectrum (typical) at 86 kHz channel, mains 220 VAC, fixed transmitted tone =
"1"
EN50065-1
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
f
C=84.8 kHz
S=120.1 dBµV
2f
C=169.6 kHz
S=58.6 dBµV
3f
C=254.4 kHz
S=50.3 dBµV
EN50065-1
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
f
C=84.8 kHz
S=120.1 dBµV
2f
C=169.6 kHz
S=58.6 dBµV
3f
C=254.4 kHz
S=50.3 dBµV
Figure 29.
Narrowband conducted interference test setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com