Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics AN2744 Datasheet HTML 45Page - STMicroelectronics AN2744 Datasheet HTML 46Page - STMicroelectronics AN2744 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AN2744
Board description
43/56
The blocking diode D4 and the clamping network (R1-C1) clamp the peak of the leakage
inductance voltage spike, assuring reliable operation of the VIPer12AS-E. D4 must be not
only very fast-recovery but also very fast turn-on type to avoid additional drain overvoltage.
The clamp capacitor C1 must be low-loss type (with polypropylene or polystyrene film
dielectric) to reduce power dissipation and prevent overheating, since it is charged with high
peak currents by the energy stored in the leakage inductance.
Also a leading edge blanking (LEB) circuit for leakage inductance spikes filtering has been
implemented (Q3 - C30 - R23). It blanks the spike appearing at the leading edges of the
voltage generated by the self-supply winding, greatly improving the behavior in short-circuit.
The output rectifiers have been selected considering the maximum reverse voltage and the
RMS secondary current. A STPS1H100 Power Schottky rectifier has been chosen for this
purpose.
A LC filter has been added on the output (made of L1 and C4) in order to filter the high
frequency ripple without increasing the output capacitors size or quality.
The transformer used for this application has three windings, since one of them is needed to
supply the VIPer12AS-E. The primary inductance has been chosen at 2.7 mH and the
reflected voltage has been set to 80 V.
A layer type has been chosen, with EF12.6 or E13/7/4 core. The characteristics are listed in
Table 11
.
In the following pictures some significant waveforms are represented. Figure 40 and
Figure 41
show typical waveforms in both open load and full load conditions.
An important behavior in any SMPS is the protection against output short circuit. All tests
have been done by shorting the SMPS output at maximum input voltage. The results are
shown in Figure 42.
The main parameters are the drain-source voltage (VDS), the output current (IOUT) and the
supply voltage (VDD).
The output current is an important parameter to be checked during shorts. Although the
output current peaks are quite high, the mean value is very low, thus preventing component
melting for excessive dissipation. In this way, the output rectifier, transformer windings and
PCB traces won't be overstressed. This assures system reliability against long-term shorts.
Besides, in case of device overheating, the integrated thermal protection stops the device
operation until the device temperature falls.
Table 11.
SMPS transformer specifications
Parameter
Value
Core Geometry
SRW12.6ES or E13/7/4
Primary Inductance
2.7 mH±10%
Leakage Inductance
180 µH max
NP
224 turns – 0.1mm
NAUX
39 turns – 0.1mm
NSEC
31 turns – 0.2mm (TEX-E wire)
Withstanding Voltage
4 kVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com