Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
AN2744
Board description
37/56
When soldered to a proper copper area on the PCB, according to the suggestions
previously given, the IC is characterized by a steady-state thermal impedance of about 35
°C/W. Nevertheless, as shown in Figure 35, the steady-state value is reached after a
transient whose duration depends on the duty cycle (d) of the transmission. In other words,
a higher PD can be sustained if the transmission time is less than the transient completion
time and if the duty cycle of the transmission is lower than 100%.
Actual dissipated power PD can be calculated as:
PD = PIN - POUT
where PIN = VCC x ICC and POUT = VOUTrms x IOUTrms.
The value of VCC can be inferred from the ICC value according to the load regulation curve of
the power supply, shown in Figure 44 on page 45 in Section 5.7. Considering the power
consumption by receiving circuitry and linear regulators negligible for thermal analysis
purposes, the current absorption from the power supply (ICC) results are nearly equal to the
PLI output current to the load (IOUTrms), so PD can be expressed as:
PD = (VCC - VOUTrms) x IOUTrms
Figure 34.
Packet-fragmented transmission
t
PKT
t
TX
Transmission
in progress
Idle
state
t
IDLE
t
PKT
t
TX
Transmission
in progress
Idle
state
t
IDLE
Figure 35.
Thermal impedance typical curve for the ST7538Q mounted on the reference design
board
0
5
10
15
20
25
30
35
40
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
time (s)
d=1
d=0.75
d=0.5
d=0.25
0
5
10
15
20
25
30
35
40
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
time (s)
d=1
d=0.75
d=0.5
d=0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com