Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AN2744
Board description
29/56
5.1.5
Input impedance
The input impedance of a power line communication node is another critical point. Figure 22
through 25 show the curves of input impedance magnitude vs. frequency in both Tx and Rx
mode for the two channels.
The impedance magnitude values prove that the ST7538Q dual channel reference design
board is compliant with EN50065-7 normative, which sets the following minimum impedance
constraints for this kind of equipment:
– Tx mode: free in the range 3 to 95 kHz, 3
Ω from 95 to 148.5 kHz
– Rx mode: 10
Ω from 3 to 9 kHz, 50 Ω between 9 and 95 kHz only inside signal 20 dB-
bandwidth (free for frequencies outside signal bandwidth), 5
Ω from 95 to 148.5 kHz
Figure 21.
Simulated frequency response of the Rx active filter for 86 kHz channel with tolerance
effect
4E4
5E4
6E4
7E4
8E4
9E4
1E5
2E5
3E4
3E5
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
-8
12
2 dB
4E4
5E4
6E4
7E4
8E4
9E4
1E5
2E5
3E4
3E5
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
-8
12
2 dB
Figure 22.
Measured input impedance magnitude of the coupling interface in Rx mode for the 72
kHz channel (typical curve)
1
10
100
1000
1E+04
1E+05
1E+06
Freq (Hz)
EN50065
EN50065--7
7
1
10
100
1000
1E+04
1E+05
1E+06
Freq (Hz)
1
10
100
1000
1E+04
1E+05
1E+06
Freq (Hz)
EN50065
EN50065--7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com