Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 24Page - STMicroelectronics AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Board description
AN2744
28/56
Figure 20
and Figure 21 show the simulation results with Montecarlo analysis. The gain
variation at center frequency is less than 2 dB.
Figure 19.
Measured frequency response of the Rx active filter for 86 kHz channel (typical)
-8
-6
-4
-2
0
2
4
6
8
10
12
1.0E+04
1.0E+05
1.0E+06
Freq (Hz)
-8
-6
-4
-2
0
2
4
6
8
10
12
1.0E+04
1.0E+05
1.0E+06
Freq (Hz)
Figure 20.
Simulated frequency response of the Rx active filter for 72 kHz channel with tolerance
effect
4E4
5E4
6E4
7E4
8E4
9E4
1E5
2E5
3E4
3E5
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
-8
12
fH
1.5 dB
4E4
5E4
6E4
7E4
8E4
9E4
1E5
2E5
3E4
3E5
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
-8
12
fH
1.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com