Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2744 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AN2744
Board description
31/56
5.2
Conducted disturbances
5.2.1
Conducted emissions
The EN50065-1 standard describes test setup and procedures for this kind of test.
The measures have been done with 220 VAC mains voltage. The test pattern consists of a
continuous transmission of a fixed tone at a frequency of 70.8 kHz (72 kHz center frequency
minus half the FSK frequency deviation, in this case 2400 Hz) which corresponds to a
symbol "1".
The output signal measured at the artificial network has a value of 120 dBµV rms, which
means a 2 V rms signal on the mains output of the board.
The spectrum analyzer performs a peak measure instead of a quasi-peak measure. For
continuous sinusoidal signals, the two types of measurement give the same result.
Figure 25.
Measured input impedance magnitude of the coupling interface in Tx mode for the
86 kHz channel (typical curve)
1
10
100
1000
1E+04
1E+05
1E+06
Freq (Hz)
EN50065
EN50065--7
7
1
10
100
1000
1E+04
1E+05
1E+06
Freq (Hz)
EN50065
EN50065--7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com