Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 49Page - STMicroelectronics AN2836 Datasheet HTML 50Page - STMicroelectronics AN2836 Datasheet HTML 51Page - STMicroelectronics AN2836 Datasheet HTML 52Page - STMicroelectronics AN2836 Datasheet HTML 53Page - STMicroelectronics AN2836 Datasheet HTML 54Page - STMicroelectronics AN2836 Datasheet HTML 55Page - STMicroelectronics AN2836 Datasheet HTML 56Page - STMicroelectronics AN2836 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
AN2836
Demonstration boards
Doc ID 15084 Rev 1
53/57
Figure 59.
EVAL6226QR
The INx input pins drive the corresponding half bridge. When low logic level is applied the
low-side MOSFET is switched on whereas a high logic level turns on the high-side
MOSFET.
To perform the PWM current control an analog reference voltage should be provided to each
channel of the driver. A fixed reference voltage can be easily obtained through a resistive
divider from an external voltage rail and GND (maybe the one supplying the µC or the rest of
the application).
Otherwise a very simple way to obtain a variable voltage without using a DAC is to low-pass
filter a PWM output of a µC.
Table 7.
EVAL6226QR part list
Part reference
Part value
Part description
C1
220 nF/25 V
Capacitor
C2
220 nF/63 V
Capacitor
C3
10 nF/25 V
Capacitor
C4
100 µF/63 V
Capacitor
C5, C6
5.6 nF
Capacitor
C7, C10
820 pF
Capacitor
C8, C9
220 nF
Capacitor
D1
BAT46SW
Diodes
R1, R2, R3, R4, R7, R8, R9,
R10
100 k
Ω 5% 0.25 W
Resistor
R5, R6
10 k
Ω 1% 0.25 W
Resistor
R11, R13
20 k
Ω 5% 0.25 W
Resistor
R12, R14
2 k
Ω 1% 0.25 W
Resistor
R20, R21
0.4
Ω 1 W
Resistor
U1
L6227Q
Dual full bridge in VFQFPN5x5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com