Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics AN2836 Datasheet HTML 40Page - STMicroelectronics AN2836 Datasheet HTML 41Page - STMicroelectronics AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics AN2836 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Demonstration boards
AN2836
40/57
Doc ID 15084 Rev 1
Figure 43.
PractiSPINTM ST7 demonstration board
A.2
EVAL6225PD
A demonstration board has been produced to help the evaluation of the device in a
PowerSO package. It implements a typical application with several added components.
Figure 45 shows the electrical schematic of the board. Table 1 gives the part list.
Table 4.
EVAL6225PD part list
Part reference
Value
Description
CN1, CN2, CN3, CN4
2-pole
Connector
CN5
34-pole
Connector
C1
220 nF/100 V
Ceramic or polyester capacitor
C2
220 nF/100 V
Ceramic or polyester capacitor
C3
100 µF/63 V
Capacitor
C4
10 nF/100 V
Ceramic capacitor
C5
10 µF/16 V
Capacitor
C6, C7
5.6 nF
Capacitor
C11
100 nF
Capacitor
C8, C10
470 pF
Capacitor
C9, C12
68 nF
Capacitor
C13
2.2 nF
Capacitor
D1
BAT46SW
Diode
D3
BZX79C5V1 5.1 V
Zener diode
JP1
3-pole
Jumper
R1
0
Ω
Resistor
R2
700
Ω 0.6 Ω
Resistor
R13
10 k
Ω
Resistor
R3, R4, R5, R6
100 k
Ω
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com