Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 41Page - STMicroelectronics AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics AN2836 Datasheet HTML 44Page - STMicroelectronics AN2836 Datasheet HTML 45Page - STMicroelectronics AN2836 Datasheet HTML 46Page - STMicroelectronics AN2836 Datasheet HTML 47Page - STMicroelectronics AN2836 Datasheet HTML 48Page - STMicroelectronics AN2836 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
AN2836
Demonstration boards
Doc ID 15084 Rev 1
45/57
A.3
EVAL6227PD
A demonstration board has been produced to help the evaluation of the device in a
PowerSO package. It implements a typical application with several added components.
Figure 50 shows the electrical schematic of the board. Table 5 gives the part list.
The demonstration board provides external connectors for the supply voltage, an external 5
V reference for the logic inputs, four outputs for the motor and a 34-pin connector to control
the main functions of the board through an external
µC board or the PractiSPINTM tool.
The PractiSPINTM tool is composed of a graphic interface software running on a PC that
connects with the hardware based on the ST7 µC, which contains upgradable firmware. This
tool allows a fast and easy evaluation of the powerSPINTM family of devices, allowing to
drive DC, BLDC and stepper motors, depending on the target device. The PractiSPINTM
connected to the EVAL6227PD can drive DC motors and inductive loads, allowing output
voltage and current settings.
Table 5.
EVAL6227PD part list
Part name
Value
Description
CN1, CN2, CN3, CN4
2-pole
Connector
CN5
34-pole
Connector
C1
220 nF/100 V
Ceramic or polyester capacitor
C2
220 nF/100 V
Ceramic or polyester capacitor
C3
100 µF/63 V
Capacitor
C4
10 nF/100 V
Ceramic capacitor
C5
10 µF/16 V
Capacitor
C6, C7
5.6 nF
Capacitor
C8, C9
68 nF
Capacitor
C10, C11
820 pF
Capacitor
D1
BAT46SW
Diode
D3
BZX79C5V1 5.1 V
Zener diode
JP1
3-pole
Jumper
JP2, JP3, JP4, JP5, JP6
2-pole
Jumper
R1
0
Ω
Resistor
R2
3.17 k
Ω 0.6 Ω
Resistor
R3, R4
100 k
Ω
Resistor
R5, R16
20 k
Ω
Resistor
R6, R7
100 k
Ω
Trimmer
R8, R17
2.2 k
Ω 0.4 Ω
Resistor
R9, R11, R12, R14
0.4
Ω 1 Ω
Resistor
R18, R15
5 k
Ω
Trimmer
U1
L6227PD
L6227PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com