Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics AN2836 Datasheet HTML 40Page - STMicroelectronics AN2836 Datasheet HTML 41Page - STMicroelectronics AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics AN2836 Datasheet HTML 44Page - STMicroelectronics AN2836 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
AN2836
Demonstration boards
Doc ID 15084 Rev 1
41/57
The demonstration board provides external connectors for the supply voltage, an external
5V reference for the logic inputs, four outputs for the motor and a 34-pin connector to control
the main functions of the board through an external
µC board or the PractiSPINTM tool. The
board also accommodates the L6506 PWM current controller. R23 sets the PWM operating
frequency. If the L6506 does not need to be used, simply connect the two VREF inputs to a
voltage high enough to keep current control inactive.
The PractiSPINTM tool is composed of a graphic interface software running on a PC that
connects with the hardware based on the ST7 µC, which contains upgradable firmware. This
tool allows a fast and easy evaluation of the powerSPINTM family of devices, allowing to
drive DC, BLDC and stepper motors, depending on the target device. The practiSPIN
connected to the EVAL6225PD can drive DC motors and inductive loads, allowing output
voltage and current settings.
The PC software also provides a power dissipation and thermal analysis section, intended
to help give a fast evaluation of the device, package and dissipating copper area required by
the user’s application, and to be a good starting point for designing an application (from the
power dissipation and thermal point of view).
Running the demonstration board in standalone mode, instead, R17 and R21 set the
reference voltage separately for the two bridges, while R16, C9 and R20, C12 are low-pass
filters which provide an external reference voltage by a PWM output of a
µC (see also the
microstepping section in the AN2839). Using external VREF inputs, R15, R17, R19, R21 can
be disconnected through JP4 and JP5, unless the PractiSPINTM ST7 demonstration board
is used. This board, in fact, is provided with an offset cancellation circuitry trimmable
through a potentiometer (see PractiSPINTM documentation). Closing JP2 and JP3 is
recommended for safe overcurrent protection.
The 5 V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2, D3.
Depending on the supply voltage, the value of resistor R2 should be changed in order to
ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5 V voltage from the internal Zener diode network or
pin 11 of CN5 (for example an external µC board can provide 5 V to the demonstration
board). Also a CN2 connector can be used to provide an external 5 V voltage to the board
(in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5, can also be used to
provide a 5 V voltage to external circuits (as, for example, the PractiSPINTM ST7 board). In
R7, R9, R10, R12
1
Ω 0.4 Ω
Resistor
R18, R14
1 k
Ω
Resistor
R15, R19
20 k
Ω
Resistor
R16, R20
2.2 k
Ω
Resistor
R17, R21
5 k
Ω
Trimmer
R22
12 k
Ω
Resistor
R23
50 k
Ω
Trimmer
U1
L6225PD
L6225PD
U2
L6506D
L6506D
JP2, JP3, JP4, JP5, JP6
2-pole
Jumper
Table 4.
EVAL6225PD part list (continued)
Part reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com