Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 26Page - STMicroelectronics AN2836 Datasheet HTML 27Page - STMicroelectronics AN2836 Datasheet HTML 28Page - STMicroelectronics AN2836 Datasheet HTML 29Page - STMicroelectronics AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
30/57
Doc ID 15084 Rev 1
This configuration has to be used when two separate loads are driven, since the ICs have
only two ENABLE inputs, one for the full bridge A and the other for the bridge B. In this case
pulling to GND one of the two ENABLE pins disables only one load (see Figure 31 to 33).
This configuration can also be used if a 2.8 A OCD threshold is desired (instead of 5.6 A).
Half-bridge 1 and the half-bridge 2 of the bridge A are connected in parallel and the same is
done for the bridge B as shown in Figure 31 to 33. In this configuration, the peak current for
each half bridge is still limited by the bond wires for the supply and sense pins so the
dissipation in the device is reduced, but the peak current rating is not increased. Using this
configuration with L6226, two separate resistors connected to pins PROGCLA and
PROGCLB must be used. With L6227, two separate RC networks should be used on the RC
pins. When two different loads are driven (see Figure 33) by the two equivalent half bridges,
two separate sensing resistors are needed, while if the two equivalent half bridges drive two
separate loads, they must be connected from the OUT pins to VS (see Figure 33) to make
the PWM current control work properly.
In this configuration, the resulting bridge has the following characteristics (typical values).
●
Equivalent device: full bridge
●
RDS(on) HS + RDS(on) LS 0.73 Ω typ. value at TJ = 25°C
●
1.4 A max RMS load current
●
2.8 A OCD threshold
Figure 31.
L6225 parallel connection with lower overcurrent threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com