Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 21Page - STMicroelectronics AN2836 Datasheet HTML 22Page - STMicroelectronics AN2836 Datasheet HTML 23Page - STMicroelectronics AN2836 Datasheet HTML 24Page - STMicroelectronics AN2836 Datasheet HTML 25Page - STMicroelectronics AN2836 Datasheet HTML 26Page - STMicroelectronics AN2836 Datasheet HTML 27Page - STMicroelectronics AN2836 Datasheet HTML 28Page - STMicroelectronics AN2836 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
25/57
Figure 22.
L6226 overcurrent detection simplified circuitry
This sensed current is compared to an internally-generated reference (adjustable through
the external resistors RCLA and RCLB for L6226) to detect an overcurrent condition. An
internal open-drain MOSFET turns on when the sum of the currents in the bridges 1A and
2A or 1B and 2B reaches the threshold (2.8 A typical value for L6225 and L6227; adjustable
through the external resistors RCLA and RCLB for L6226). In L6225 and L6227 the open
drain is internally connected to the EN pins. With L6226 the OCD pins should be connected
to the EN pins to allow the protection to function. To ensure an overcurrent protection,
connect these pins to an external RC network (see Figure 21 and 22).
Figure 23 and 24 show the device operating in overcurrent condition (short to ground).
When an overcurrent is detected, the internal open-drain MOSFET pulls the EN pin to GND,
switching off all 4 power DMOS of the bridge and allowing the current to decay. Under a
persistent overcurrent condition, like a short to ground or a short between two output pins,
the external RC network on the EN pin (see Figure 21 and 22) reduces the RMS value of the
output current by imposing a fixed disable time after each overcurrent occurrence. The
values of REN and CEN are selected to ensure proper operation of the device under a short-
circuit condition. When the current flowing through the high-side DMOS reaches the OCD
threshold (2.8 A typ. for L6225 and L6227, adjustable for L6226), after an internal
propagation delay (tOCD(ON)) the open drain starts discharging CEN. When the EN pin
voltage falls below the turn-off threshold (VTH(OFF)), all the power DMOS turn off after the
internal propagation delay (tD(OFF)EN). The current begins to decay as it circulates through
the freewheeling diodes. Since the DMOS are off, there is no current flowing through them
and no current to sense, so the OCD circuit, after a short delay (tOCD(OFF)), switches the
internal open-drain device off, and REN can charge CEN. When the voltage at the EN pin
reaches the turn-on threshold (VTH(ON)), after the tD(ON)EN delay, the DMOS turns on and
the current restarts. Even if the maximum output current is very high, the external RC
network provides a disable time (tDISABLE) to ensure a safe RMS value (see Figure 23 and
24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com