Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 9Page - STMicroelectronics AN2836 Datasheet HTML 10Page - STMicroelectronics AN2836 Datasheet HTML 11Page - STMicroelectronics AN2836 Datasheet HTML 12Page - STMicroelectronics AN2836 Datasheet HTML 13Page - STMicroelectronics AN2836 Datasheet HTML 14Page - STMicroelectronics AN2836 Datasheet HTML 15Page - STMicroelectronics AN2836 Datasheet HTML 16Page - STMicroelectronics AN2836 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
13/57
For example, if a maximum ripple of 500 mV is allowed and IOUT = 1 A, the capacitor ESR
should be lower than:
Equation 6
Equation 7
Actually, current sunk by the VSA and VSB pins of the device is subject to higher peaks due
to the reverse recovery charge of the internal freewheeling diodes. The duration of these
peaks is, though, very short, and can be filtered using a small value (100÷200 nF), good
quality ceramic capacitors, connected as close as possible to the VSA, VSB and GND pins of
the IC. The bulk capacitor will be chosen with maximum operating voltage 25% greater than
the maximum supply voltage, considering also power supply tolerances. For example, with a
48 V nominal power supply, with 5% tolerance, maximum voltage is 50.4 V, then operating
voltage for the capacitor should be at least 63 V.
4.4
Layout considerations
Working with devices that combine high power switches and control logic in the same IC,
special attention has to be paid to the PCB layout. In extreme cases, power DMOS
commutation can induce noise that could cause improper operation in the logic section of
the device. Noise can be radiated by high dV/dt nodes or high dI/dt paths, or conducted
through GND or supply connections. Logic connections, especially high-impedance nodes
(actually all logic inputs, see further), must be kept far from switching nodes and paths. With
the L6225, L6226, L6227, in particular, external components for the charge pump circuitry
should be connected together through short paths, since these components are subject to
voltage and current switching at relatively high frequency (600 kHz). The primary means to
minimize conducted noise is to have a good GND layout (see Figure 7).
Figure 7.
Typical application and layout suggestions
ESR
0.5V
1A
------------
<
500m
Ω
=
In slow decay
In fast decay
ESR
1
2
---
0.5V
1A
------------
<
250m
Ω
=
AM01627v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com